Electronic Components Datasheet Search
  English  ▼

X  

MAX7321 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with 8 Open-Drain I/Os
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX7321 Datasheet HTML 9Page - Maxim Integrated Products MAX7321 Datasheet HTML 10Page - Maxim Integrated Products MAX7321 Datasheet HTML 11Page - Maxim Integrated Products MAX7321 Datasheet HTML 12Page - Maxim Integrated Products MAX7321 Datasheet HTML 13Page - Maxim Integrated Products MAX7321 Datasheet HTML 14Page - Maxim Integrated Products MAX7321 Datasheet HTML 15Page - Maxim Integrated Products MAX7321 Datasheet HTML 16Page - Maxim Integrated Products MAX7321 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Each of the I/O ports P0–P7 also has a 40k
Ω (typ)
pullup resistor that can be enabled or disabled. When a
port driven to a voltage higher than V+, the body diode of
the pullup enable switch conducts and the 40k
Ω pullup
resistor is enabled. When the MAX7321 is powered down
(V+ = 0), each I/O port appears as a 40k
Ω resistor in
series with a diode connected to zero. I/O ports are pro-
tected to +6V under any of these circumstances (Figure
10).
Driving LED Loads
When driving LEDs, a resistor must be fitted in series
with the LED to limit the LED current to no more than
20mA. Connect the LED cathode to the MAX7321 port,
and the LED anode to V+ through the series current-
limiting resistor, RLED. Set the port output low to illumi-
nate the LED. Choose the resistor value according to
the following formula:
RLED = (VSUPPLY - VLED - VOL) / ILED
where:
RLED is the resistance of the resistor in series with the
LED (
Ω).
VSUPPLY is the supply voltage used to drive the LED (V).
VLED is the forward voltage of the LED (V).
VOL is the output-low voltage of the MAX7321 when
sinking ILED (V).
ILED is the desired operating current of the LED (A).
For example, to operate a 2.2V red LED at 10mA from a
+5V supply:
RLED = (5 - 2.2 - 0.07) / 0.010 = 270
Ω
Driving Load Currents Higher than 20mA
The MAX7321 can be used to drive loads, such as relays,
that draw more than 20mA by paralleling outputs. Use at
least one output per 20mA of load current; for example, a
5V, 330mW relay draws 66mA and therefore requires four
paralleled outputs. Any combination of outputs can be
used as part of a load-sharing design because any com-
bination of ports can be set or cleared at the same time
by writing the MAX7321. Do not exceed a total sink cur-
rent of 100mA for the device.
The MAX7321 must be protected from the negative volt-
age transient generated when switching off inductive
loads (such as relays), by connecting a reverse-biased
diode across the inductive load. Choose the peak current
for the diode to be greater than the inductive load’s oper-
ating current.
Power-Supply Considerations
The MAX7321 operates with a supply voltage of +1.71V
to +5.5V over the -40°C to +125°C temperature range.
Bypass the supply to GND with a ceramic capacitor of at
least 0.047µF as close to the device as possible. For the
TQFN version, additionally connect the exposed pad to
GND.
Compatibility with MAX6965, MAX7315, and
MAX7316
The MAX7321 is subset pin compatible with the
MAX6965, MAX7315, and MAX7316. The pin differences
are shown in Table 4. The MAX7321 is not software com-
patible with the MAX6965, MAX7315, or MAX7316. In
many cases, it is possible to design a PC board to work
with all these port expanders, providing design flexibility.
I2C Port Expander with 8 Open-Drain I/Os
14
______________________________________________________________________________________
PIN-PACKAGE
PIN FUNCTION
16
QSOP
16
TQFN
MAX7321
MAX7315
MAX6965 AND
MAX7316
115
AD0
AD0
BLINK
216
RST
AD1
RST
31
AD2
AD2
AD0
Table 4. MAX7321, MAX6965, MAX7315,
and MAX7316 Pin Compatibility
MAX7321
P2
P7
P6
P5
P4
V+
+3.3V
+5V
µC
SCL
SDA
SCL
AD0
P1
P0
SDA
P3
GND
I/O
I/O
AD2
I/O
I/O
RST
RST
INT
INT
0.047
µF
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com