Electronic Components Datasheet Search
  English  ▼

X  

MAX7321 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with 8 Open-Drain I/Os
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7321 Datasheet HTML 2Page - Maxim Integrated Products MAX7321 Datasheet HTML 3Page - Maxim Integrated Products MAX7321 Datasheet HTML 4Page - Maxim Integrated Products MAX7321 Datasheet HTML 5Page - Maxim Integrated Products MAX7321 Datasheet HTML 6Page - Maxim Integrated Products MAX7321 Datasheet HTML 7Page - Maxim Integrated Products MAX7321 Datasheet HTML 8Page - Maxim Integrated Products MAX7321 Datasheet HTML 9Page - Maxim Integrated Products MAX7321 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
case of a hung bus, terminating any serial transaction
to or from the MAX7321.
Any port can be configured as a logic input by setting
the port output logic high (logic high for an open-drain
output is high impedance). When the MAX7321 is read
through the serial interface, the actual logic levels at
the ports are read back.
The open-drain ports offer latching transition detection
when used as inputs. All input ports are continuously
monitored for changes. An input change sets 1 of 8 flag
bits that identify changed input(s). All flags are cleared
upon a subsequent read or write transaction to the
MAX7321.
A latching interrupt output, INT, is programmed to flag
logic changes on ports used as inputs. Data changes
on any input port forces INT to a logic low. Changing
the I/O port level through the serial interface does not
cause an interrupt. The interrupt output INT is cleared
when the MAX7321 is next accessed through the serial
interface.
Internal pullup resistors to V+ are selected by the
address select inputs, AD0 and AD2. Pullups are
enabled on the input ports in groups of four (see Table 3).
Use the slave address selection to ensure that I/O ports
used as inputs are high on power-up. To simplify I/O
port and slave address configuration, I/O ports with
internal pullups enabled also default with their open-
drain outputs logic high (high impedance). I/O ports
with internal pullups disabled default with open-drain
outputs logic low. Output port power-up logic levels are
selected by the address select inputs AD0 and AD2.
Ports default to logic high or logic low on power-up in
groups of four (see Table 3).
Initial Power-Up
On power-up, the transition detection logic is reset, and
INT is released to a high-impedance state. The transi-
tion flags are cleared to indicate no data changes. The
power-up default states of the eight I/O ports are set
according to the I2C slave address selection inputs,
AD0 and AD2 (Table 3). For I/O ports used as inputs,
ensure that the default states are logic high so that
the I/O ports power up in the high-impedance state.
All I/O ports configured with pullups enabled also
have a logic-high power-up state.
RST Input
The RST input voids any I2C transaction involving the
MAX7321, forcing the MAX7321 into the I2C STOP con-
dition. A reset does not affect the interrupt output (INT)
or change the contents of the interrupt mask register.
RST is overvoltage tolerant to +6V.
I2C Port Expander with 8 Open-Drain I/Os
6
_______________________________________________________________________________________
PART
I2C
SLAVE
ADDRESS
INPUTS
INPUT
INTERRUPT
MASK
OPEN-
DRAIN
OUTPUTS
PUSH-
PULL
OUTPUTS
APPLICATION
MAX7323
110xxxx
Up to 4
—
Up to 4
4
4 I/O, 4 output-only versions:
4 open-drain I/O ports with latching transition
detection interrupt and selectable pullups.
4 push-pull outputs with selectable power-up default
levels.
MAX7328
MAX7329
0100xxx
0111xxx
Up to 8
—
Up to 8
—
PCF8574-, PCF8574A-compatible versions:
8 open-drain I/O ports with nonlatching transition
detection interrupt and pullups on all ports.
All ports power up as inputs (or logic-high outputs).
Any port can be used as an input by setting the
open-drain output to logic high.
16 PORTS IN 24-PIN PACKAGES
MAX7324
8
Yes
—
8
Software equivalent to a MAX7320 plus a MAX7321.
MAX7325
Up to 8
—
Up to 8
8
Software equivalent to a MAX7320 plus a MAX7319.
MAX7326
4
Yes
—
12
Software equivalent to a MAX7320 plus a MAX7322.
MAX7327
101xxxx
and
110xxxx
Up to 4
—
Up to 4
12
Software equivalent to a MAX7320 plus a MAX7323.
Table 1. MAX7321–MAX7329 Family Comparison (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com