Electronic Components Datasheet Search
  English  ▼

X  

MAX7321 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with 8 Open-Drain I/Os
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7321 Datasheet HTML 1Page - Maxim Integrated Products MAX7321 Datasheet HTML 2Page - Maxim Integrated Products MAX7321 Datasheet HTML 3Page - Maxim Integrated Products MAX7321 Datasheet HTML 4Page - Maxim Integrated Products MAX7321 Datasheet HTML 5Page - Maxim Integrated Products MAX7321 Datasheet HTML 6Page - Maxim Integrated Products MAX7321 Datasheet HTML 7Page - Maxim Integrated Products MAX7321 Datasheet HTML 8Page - Maxim Integrated Products MAX7321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX7321 2-wire serial-interfaced peripheral features
eight open-drain I/O ports with selectable internal pullups
and transition detection. Any port may be used as a logic
input or an open-drain output. Ports are overvoltage pro-
tected to +6V independent of supply voltage.
All I/O ports configured as inputs are continuously mon-
itored for state changes (transition detection). State
changes are indicated by the open-drain, +6V tolerant
INT output. The interrupt is latched, allowing detection
of transient changes. When the MAX7321 is subse-
quently accessed through the serial interface, any
pending interrupt is cleared.
The open-drain outputs are rated to sink 20mA and are
capable of driving LEDs.
The +6V tolerant RST input clears the serial interface,
terminating any I2C* communication to or from the
MAX7321.
The MAX7321 uses two address inputs with four-level
logic to allow 16 I2C slave addresses. The slave
address also determines the power-up logic level for
the I/O ports, and enables or disables internal 40k
Ω
pullups in groups of four ports.
The MAX7321 supports hot insertion. All eight I/O ports,
the serial interface SDA, SCL, AD0, AD2, INT, and RST
remain high impedance in power-down (V+ = 0) with
up to +6V asserted on them.
The MAX7321 is one device in a family of pin-compatible
port expanders with a choice of input ports, open-drain
I/O ports, and push-pull output ports (see Table 1).
The MAX7321 is available in 16-pin QSOP and 16-pin
TQFN packages, and is specified over the automotive
temperature range (-40°C to +125°C).
Features
♦ 400kHz, +6V Tolerant I2C Serial Interface
♦ +1.71V to +5.5V Operating Voltage
♦ 8 Open-Drain I/O Ports Rated to 20mA Sink Current
♦ I/O Ports Are Overvoltage Protected to +6V
♦ Any Port Can Be a Logic Input or an Open-Drain
Output
♦ Selectable I/O Port Power-Up Default Logic Levels
♦ Transient Changes Are Latched, Allowing Detection
Between Read Operations
♦ INT Output Alerts Change on Inputs
♦ AD0 and AD2 Inputs Select from 16 Slave
Addresses
♦ Low 0.6µA (typ), 1.5µA (max) Standby Current
♦ -40°C to +125°C Operating Temperature
I2C Port Expander with 8 Open-Drain I/Os
________________________________________________________________ Maxim Integrated Products
1
19-3738; Rev 0; 7/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
PKG
CODE
MAX7321AEE
-40°C to
+125°C
16 QSOP
—
E16-4
MAX7321ATE
-40°C to
+125°C
16 TQFN
3mm x 3mm
x 0.8mm
ADC
T1633-4
MAX7321ASE*
-40°C to
+125°C
16 SO
—
—
MAX7321AUP*
-40°C to
+125°C
20 TSSOP
—
—
MAX7321AAP*
-40°C to
+125°C
20 SSOP
—
—
*Purchase of I2C components from Maxim Integrated Products,
Inc., or one of its sublicensed Associated Companies, conveys
a license under the Philips I2C Patent Rights to use these com-
ponents in an I2C system, provided that the system conforms
to the I2C Standard Specification as defined by Philips.
Pin Configurations, Typical Application Circuit, and
Functional Diagram appear at end of data sheet.
Selector Guide
PART
INPUTS
INTERRUPT
MASK
OPEN-
DRAIN
OUTPUTS
PUSH-PULL
OUTPUTS
MAX7319
8
Yes
—
—
MAX7320
——
—
8
MAX7321
Up to 8
—
Up to 8
—
MAX7322
4
Yes
—
4
MAX7323
Up to 4
—
Up to 4
4
MAX7328
Up to 8
—
Up to 8
—
MAX7329
Up to 8
—
Up to 8
—
*Future product—contact factory for availability.
Cell Phones
SAN/NAS
Servers
Notebooks
Satellite Radio
Automotive
Applications


Similar Part No. - MAX7321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321 Datasheet
213Kb / 17P
I2C Port Expander with 4 Push-Pull Outputs
Rev 1; 7/07
MAX7321 MAXIM-MAX7321 Datasheet
214Kb / 14P
I2C Port Expander with Eight Push-Pull Outputs
Rev 0; 10/05
MAX7321 MAXIM-MAX7321_14 Datasheet
974Kb / 15P
I2C Port Expander with 8 Open-Drain I/Os
Rev 4; 7/14
More results

Similar Description - MAX7321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7327 MAXIM-MAX7327 Datasheet
1Mb / 21P
I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
Rev 0; 8/06
MAX7325 MAXIM-MAX7325 Datasheet
260Kb / 19P
I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 0; 9/06
logo
Microchip Technology
MCP23009 MICROCHIP-MCP23009 Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
2009
logo
Maxim Integrated Produc...
MAX7325 MAXIM-MAX7325_12 Datasheet
217Kb / 17P
I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
logo
Microchip Technology
MCP23009-E MICROCHIP-MCP23009-E Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
03/26/09
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321_14 Datasheet
974Kb / 15P
I2C Port Expander with 8 Open-Drain I/Os
Rev 4; 7/14
MAX7325 MAXIM-MAX7325_14 Datasheet
193Kb / 17P
I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7323 MAXIM-MAX7323_V01 Datasheet
1,006Kb / 15P
I2C Port Expander with 4 Push-Pull Outputs and 4 Open-Drain I/Os
19-3806; Rev 2; 5/14
MAX7325 MAXIM-MAX7325_V01 Datasheet
1,008Kb / 17P
I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
19-3807; Rev 2; 12/15
MAX7327 MAXIM-MAX7327_V01 Datasheet
971Kb / 17P
I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
19-3805; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com