Electronic Components Datasheet Search
  English  ▼

X  

MAX7321 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with 8 Open-Drain I/Os
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7321 Datasheet HTML 1Page - Maxim Integrated Products MAX7321 Datasheet HTML 2Page - Maxim Integrated Products MAX7321 Datasheet HTML 3Page - Maxim Integrated Products MAX7321 Datasheet HTML 4Page - Maxim Integrated Products MAX7321 Datasheet HTML 5Page - Maxim Integrated Products MAX7321 Datasheet HTML 6Page - Maxim Integrated Products MAX7321 Datasheet HTML 7Page - Maxim Integrated Products MAX7321 Datasheet HTML 8Page - Maxim Integrated Products MAX7321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
I2C Port Expander with 8 Open-Drain I/Os
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
0.4
0.2
1.0
0.8
0.6
1.2
1.4
1.8
1.6
2.0
-40
-10 5
-25
20 35 50 65 80 95 110 125
STANDBY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = +3.3V
V+ = +2.5V
V+ = +5.0V
V+ = +1.71V
fSCL = 0kHz
0
20
10
40
30
50
60
-40
-10 5
20
-25
35 50 65 80 95 110 125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = +3.3V
V+ = +5.0V
V+ = +1.71V
V+ = +2.5V
fSCL = 400kHz
OUTPUT VOLTAGE LOW
vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
V+ = +5.0V
ISINK = 20mA
V+ = +2.5V
ISINK = 10mA
V+ = +1.71V
ISINK = 5mA
V+ = +3.3V
ISINK = 15mA
Pin Description
PIN
QSOP
TQFN
TSSOP/
SSOP
NAME
FUNCTION
1, 3
15, 1
6, 9
AD0,
AD2
Address Inputs. Select device slave address with AD0 and AD2. Connect AD0 and
AD2 to either GND, V+, SCL, or SDA to give four logic combinations (see Table 3).
2
16
7
RST
Reset Input, Active Low. Drive RST low to clear the 2-wire interface.
4–7, 9–12
2–5, 7–10
10, 11,
12, 14,
16, 17,
19, 20
P0–P7
Input/Output Ports. P0 to P7 are open-drain I/Os rated at +6V, 20mA.
86
15
GND
Ground
13
11
1
INT
Interrupt Output. INT is an open-drain output rated at +6V.
14
12
2
SCL
I2C-Compatible Serial Clock Input
15
13
4
SDA
I2C-Compatible Serial Data I/O
16
14
5
V+
Positive Supply Voltage. Bypass V+ to GND with a ceramic capacitor of at
—
—
3,18
N.C.
No Connection. Internally not connected.
—
EP
—EP
Exposed Pad. Connect exposed pad to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com