Electronic Components Datasheet Search
  English  ▼

X  

AIS2IH Datasheet(PDF) 6 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 2Page - STMicroelectronics AIS2IH Datasheet HTML 3Page - STMicroelectronics AIS2IH Datasheet HTML 4Page - STMicroelectronics AIS2IH Datasheet HTML 5Page - STMicroelectronics AIS2IH Datasheet HTML 6Page - STMicroelectronics AIS2IH Datasheet HTML 7Page - STMicroelectronics AIS2IH Datasheet HTML 8Page - STMicroelectronics AIS2IH Datasheet HTML 9Page - STMicroelectronics AIS2IH Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd = 3.0 V, T = -40 °C to +115 °C unless otherwise noted. The product is factory calibrated at 3.0 V.
Table 3. Mechanical characteristics
Symbol
Parameter
Test conditions
Min. Typ.(1) Max.
Unit
FS
Measurement range
±2
g
±4
±8
±16
So
Nominal sensitivity
@ FS ±2 g in High-Performance Mode and
all low-power modes except Low-Power Mode 1
0.244
mg/digit
@ FS ±4 g in High-Performance Mode and
all low-power modes except Low-Power Mode 1
0.488
@ FS ±8 g in High-Performance Mode and
all low-power modes except Low-Power Mode 1
0.976
@ FS ±16 g in High-Performance Mode and
all low-power modes except Low-Power Mode 1
1.952
@ FS ±2 g in Low-Power Mode 1
0.976
@ FS ±4 g in Low-Power Mode 1
1.952
@ FS ±8 g in Low-Power Mode 1
3.904
@ FS ±16 g in Low-Power Mode 1
7.808
So %
Sensitivity tolerance - long term(2)
in High-Performance Mode
-10
+10
%
in Low-Power Modes 1/2/3/4
-15
+15
An
Noise density -
High-Performance Mode(3)(5)
@ FS ±2 g, @ 25 °C
90
130
µg/√Hz
RMS
RMS noise - Low-Power Modes(4)
@ FS ±2 g, @ 25 °C(5)
Low-Power Mode 4
1.6
2.9
mg(RMS)
Low-Power Mode 3
2.1
3.8
Low-Power Mode 2
3.0
5.7
Low-Power Mode 1
5.5
11.0
TyOff
Zero-g level offset accuracy(6)
@ 25 °C
±20
mg
OFF_Acc Offset accuracy - long term(2)
-300
+300
mg
TCO
Zero-g offset change vs. temperature
±0.2
mg/°C
TCS
Sensitivity change vs. temperature
±0.01
%/°C
NL
Non-linearity(7)
best-fit straight line
@ FS ±2 g, @ 25 °C
±0.3
%FS
Cx
Cross-axis sensitivity(7)
@ FS ±2 g, @ 25 °C
±0.4
ST
Self-test positive difference
@ FS ±16 g, Vdd from 1.62 V to 3.6 V
70
1500
mg
1. Typical specifications are not guaranteed.
2. Long term includes the following conditions: post solder, drift in temperature in the range [-40°C; +115°C]
and over life.
AIS2IH
Mechanical and electrical specifications
DS12421 - Rev 4
page 6/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com