Electronic Components Datasheet Search
  English  ▼

X  

AIS2IH Datasheet(PDF) 8 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 4Page - STMicroelectronics AIS2IH Datasheet HTML 5Page - STMicroelectronics AIS2IH Datasheet HTML 6Page - STMicroelectronics AIS2IH Datasheet HTML 7Page - STMicroelectronics AIS2IH Datasheet HTML 8Page - STMicroelectronics AIS2IH Datasheet HTML 9Page - STMicroelectronics AIS2IH Datasheet HTML 10Page - STMicroelectronics AIS2IH Datasheet HTML 11Page - STMicroelectronics AIS2IH Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
2.3
Temperature sensor characteristics
@ Vdd = 3.0 V, T = -40 °C to +115 °C unless otherwise noted
Table 5. Temperature sensor characteristics
Symbol
Parameter
Min.
Typ. (1)
Max.
Unit
Top
Operating temperature range
-40
+115
°C
Toff
Temperature offset(2)
-15
+15
°C
TSDr
Temperature sensor output change vs. temperature
1(3)
LSB/°C
16(4)
TODR
Temperature refresh rate in High-Performance Mode for all ODRs
or in low-power modes for ODRs equal to 200/100/50 Hz
50
Hz
Temperature refresh rate in low-power modes for ODR equal to 25 Hz
25
Temperature refresh rate in low-power modes for ODR equal to 12.5 Hz
12.5
Temperature refresh rate in low-power modes for ODR equal to 1.6 Hz
1.6
1. Typical specifications are not guaranteed.
2. The output of the temperature sensor is 0 LSB (typ.) at 25 °C.
3. 8-bit resolution (i.e. when using the OUT_T (26h) register)
4. 12-bit resolution (i.e. when using the OUT_T_L (0Dh) and OUT_T_H (0Eh) registers)
AIS2IH
Temperature sensor characteristics
DS12421 - Rev 4
page 8/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com