Electronic Components Datasheet Search
  English  ▼

X  

AIS2IH Datasheet(PDF) 10 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 6Page - STMicroelectronics AIS2IH Datasheet HTML 7Page - STMicroelectronics AIS2IH Datasheet HTML 8Page - STMicroelectronics AIS2IH Datasheet HTML 9Page - STMicroelectronics AIS2IH Datasheet HTML 10Page - STMicroelectronics AIS2IH Datasheet HTML 11Page - STMicroelectronics AIS2IH Datasheet HTML 12Page - STMicroelectronics AIS2IH Datasheet HTML 13Page - STMicroelectronics AIS2IH Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
2.4.2
I²C - inter-IC control interface
Subject to general operating conditions for Vdd and Top.
Table 7. I²C slave timing values
Symbol
Parameter
I²C fast mode(1)(2) I²C fast mode+(1)(2) I²C high speed mode
Unit
Min.
Max.
Min.
Max.
Min.
Max
f(SCL)
SCL clock frequency
0
400
0
1000
0
3400
kHz
tw(SCLL) SCL clock low time
1.3
-
0.5
-
0.16
-
µs
tw(SCLH) SCL clock high time
0.6
-
0.26
-
0.06
-
tsu(SDA) SDA setup time
100
-
50
-
10
-
ns
th(SDA) SDA data hold time
0.01
0.9
0
-
0
0.07
µs
th(ST)
START/REPEATED START condition hold
time
0.6
-
0.26
-
0.16
-
tsu(SR)
REPEATED START condition setup time
0.6
-
0.26
-
0.16
-
tsu(SP)
STOP condition setup time
0.6
-
0.26
-
0.16
-
tw(SP:SR)
Bus free time between STOP and START
condition
1.3
-
0.5
-
-
-
Data valid time
-
0.9
-
0.45
-
-
Data valid acknowledge time
-
0.9
-
0.45
-
-
CB
Capacitive load for each bus line
-
400
-
550
-
100
pF
1. Data based on standard I²C protocol requirement, not tested in production.
2. Data for I²C fast mode and I²C fast mode+ have been validated by characterization, not tested in production.
Figure 4. I²C slave timing diagram
SDA
SCL
tsu(SP)
tw(SCLL)
tsu(SDA)
tsu(SR)
th(ST)
tw(SCLH)
th(SDA)
tw(SP:SR)
START
REPEATED
START
STOP
START
Note: Measurement points are done at 0.3·Vdd_IO and 0.7·Vdd_IO for both ports.
AIS2IH
Communication interface characteristics
DS12421 - Rev 4
page 10/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com