Electronic Components Datasheet Search
  English  ▼

X  

AIS2IH Datasheet(PDF) 7 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 3Page - STMicroelectronics AIS2IH Datasheet HTML 4Page - STMicroelectronics AIS2IH Datasheet HTML 5Page - STMicroelectronics AIS2IH Datasheet HTML 6Page - STMicroelectronics AIS2IH Datasheet HTML 7Page - STMicroelectronics AIS2IH Datasheet HTML 8Page - STMicroelectronics AIS2IH Datasheet HTML 9Page - STMicroelectronics AIS2IH Datasheet HTML 10Page - STMicroelectronics AIS2IH Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
3. Noise density is the same for all ODRs. Low-noise setting enabled.
4. RMS noise is the same for all ODRs. Low-noise setting disabled.
5. Max. values from design and characterization at ambient temperature (T = 25°C).
6. Values after factory calibration test and trimming at T = 25 °C.
7. Based on characterization data on a limited number of samples. Not measured during final test for
production.
2.2
Electrical characteristics
@ Vdd = 3.0 V, T = -40 °C to +115 °C unless otherwise noted. The product is factory calibrated at 3.0 V.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ. (1)
Max.
Unit
Vdd
Supply voltage
1.62
3.0
3.6
V
Vdd_IO I/O pins supply voltage(2)
1.62
Vdd+0.1
V
IddHR
Current consumption in
High-Performance Mode(3)(4)
@ ODR range 12.5 Hz - 1600 Hz,
14-bit, @ Vdd = 3 V
140
180
µA
IddLP
Current consumption in Low-Power Mode(4)(5)
ODR 100 Hz, @ Vdd = 3 V
6.5
14
µA
ODR 50 Hz, @ Vdd = 3 V
3.7
9.5
ODR 12.5 Hz, @ Vdd = 3 V
1.3
6.5
ODR 1.6 Hz, @ Vdd = 3 V
0.67
5.5
Idd_PD Current consumption in power-down(4)
@ Vdd = 3 V
0.1
5
µA
VIH
Digital high-level input voltage
0.7*Vdd_IO
V
VIL
Digital low-level input voltage
0.3*Vdd_IO
V
VOH
Digital high-level output voltage
IOH = 4 mA(6)
Vdd_IO - 0.2 V
V
VOL
Digital low-level output voltage
IOL = 4 mA(6)
0.2 V
V
Top
Operating temperature range
-40
+115
°C
1. Typical specifications are not guaranteed.
2. It is possible to remove Vdd maintaining Vdd_IO without blocking the communication busses. In this
condition the measurement chain is powered off.
3. Low-noise setting enabled.
4. Typical value of current consumption measured at T = 25 °C.
5. Low-Power Mode 1. Low-noise setting disabled.
6. 4 mA is the maximum driving capability, ie. the maximum DC current that can be sourced/sunk by the digital
pad in order to guarantee the correct digital output voltage levels VOH and VOL.
AIS2IH
Electrical characteristics
DS12421 - Rev 4
page 7/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com