Electronic Components Datasheet Search
  English  ▼

X  

LPS27HHTW Datasheet(PDF) 51 Page - STMicroelectronics

Part # LPS27HHTW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTW Datasheet(HTML) 51 Page - STMicroelectronics

Back Button LPS27HHTW Datasheet HTML 47Page - STMicroelectronics LPS27HHTW Datasheet HTML 48Page - STMicroelectronics LPS27HHTW Datasheet HTML 49Page - STMicroelectronics LPS27HHTW Datasheet HTML 50Page - STMicroelectronics LPS27HHTW Datasheet HTML 51Page - STMicroelectronics LPS27HHTW Datasheet HTML 52Page - STMicroelectronics LPS27HHTW Datasheet HTML 53Page - STMicroelectronics LPS27HHTW Datasheet HTML 54Page - STMicroelectronics LPS27HHTW Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
9.22
TEMP_OUT_L (2Bh) .......................................................... 44
9.23
TEMP_OUT_H (2Ch) .......................................................... 44
9.24
LPFP_RES (3Ch) ............................................................. 44
9.25
FIFO_DATA_OUT_PRESS_XL (78h) ............................................ 44
9.26
FIFO_DATA_OUT_PRESS_L (79h) .............................................. 45
9.27
FIFO_DATA_OUT_PRESS_H (7Ah).............................................. 45
9.28
FIFO_DATA_OUT_TEMP_L (7Bh) ............................................... 45
9.29
FIFO_DATA_OUT_TEMP_H (7Ch)............................................... 45
10
Package information..............................................................46
10.1
CCLGA-10L package information ................................................ 46
10.2
CCLGA-10L packing information................................................. 47
Contents ..............................................................................49
List of tables ..........................................................................52
List of figures..........................................................................53
Revision history .......................................................................54
LPS27HHTW
Contents
DS13489 - Rev 1
page 51/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com