Electronic Components Datasheet Search
  English  ▼

X  

LPS27HHTW Datasheet(PDF) 12 Page - STMicroelectronics

Part # LPS27HHTW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTW Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LPS27HHTW Datasheet HTML 8Page - STMicroelectronics LPS27HHTW Datasheet HTML 9Page - STMicroelectronics LPS27HHTW Datasheet HTML 10Page - STMicroelectronics LPS27HHTW Datasheet HTML 11Page - STMicroelectronics LPS27HHTW Datasheet HTML 12Page - STMicroelectronics LPS27HHTW Datasheet HTML 13Page - STMicroelectronics LPS27HHTW Datasheet HTML 14Page - STMicroelectronics LPS27HHTW Datasheet HTML 15Page - STMicroelectronics LPS27HHTW Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
5
FIFO
The LPS27HHTW embeds 128 slots of 40-bit data FIFO to store the pressure and temperature output values.
This allows consistent power saving for the system, since the host processor does not need to continuously poll
data from the sensor, but it can wake up only when needed and burst the significant data out from the FIFO. This
buffer can work according to six different modes:
•
Bypass mode
•
FIFO mode
•
Continuous (Dynamic-Stream) mode
•
Continuous (Dynamic-Stream)-to-FIFO mode
•
Bypass-to-Continuous (Dynamic-Stream)
•
Bypass-to-FIFO mode
The FIFO buffer is enabled when a configuration different from all bits '0' are written in FIFO_CTRL (13h) and
each mode is selected by the TRIG_MODES bit and F_MODE[1:0] bits in FIFO_CTRL (13h). Programmable
FIFO threshold status, FIFO overrun events and the number of unread samples stored are available in the
FIFO_STATUS1 (25h) and FIFO_STATUS2 (26h) registers and can be set to generate dedicated interrupts on the
INT_DRDY pad using the CTRL_REG3 (12h) register.
FIFO_STATUS2 (26h)(FIFO_WTM_IA) goes to '1' when the number of unread samples (FIFO_STATUS1 (25h)
(FSS[7:0]) is greater than or equal to WTM[6:0] in FIFO_WTM (14h). If FIFO_WTM (14h)(WTM[6:0]) is equal to 0,
FIFO_STATUS2 (26h)(FIFO_WTM_IA) stays at '0'.
FIFO_STATUS2 (26h)(FIFO_OVR_IA) is equal to '1' if a FIFO slot is overwritten.
FIFO_STATUS1 (25h)(FSS[7:0]) contains stored data levels of unread samples; when FSS[7:0] is equal to
‘00000000’, FIFO is empty; when FSS[7:0] is equal to ‘10000000’, FIFO is full and the unread samples are 128.
LPS27HHTW
FIFO
DS13489 - Rev 1
page 12/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com