Electronic Components Datasheet Search
  English  ▼

X  

LPS27HHTW Datasheet(PDF) 38 Page - STMicroelectronics

Part # LPS27HHTW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTW Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LPS27HHTW Datasheet HTML 34Page - STMicroelectronics LPS27HHTW Datasheet HTML 35Page - STMicroelectronics LPS27HHTW Datasheet HTML 36Page - STMicroelectronics LPS27HHTW Datasheet HTML 37Page - STMicroelectronics LPS27HHTW Datasheet HTML 38Page - STMicroelectronics LPS27HHTW Datasheet HTML 39Page - STMicroelectronics LPS27HHTW Datasheet HTML 40Page - STMicroelectronics LPS27HHTW Datasheet HTML 41Page - STMicroelectronics LPS27HHTW Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
INT_H_L selects an interrupt active-high/low value.
PP_OD selects push-pull/open-drain on the interrupt pad.
The IF_ADD_INC bit enables the address to be automatically incremented during a multiple byte access with a
serial interface (SPI or I²C).
The SWRESET bit resets the volatile registers to default value ‘0’. It returns to ‘0’ by hardware.
LOW_NOISE_EN is disabled by default and must be changed when the device is in power-down mode. It enables
low-noise mode but can be used when the ODR is lower than 100 Hz. If ODR = 100 Hz or ODR = 200 Hz, this
option is automatically switched off and the value of the low-noise enable bit is ignored.
LOW_NOISE_EN mode is enabled to have less RMS noise and the best performance is achieved with
LOW_NOISE_EN set to 1 and filter at ODR/20. Depending on the application, the LOW_NOISE_EN bit can
be enabled (low-noise mode) or disabled (low-current mode) to have less RMS noise or less power consumption
(refer to the following table).
Table 20. RMS noise and power consumption
Mode
Additional low-pass
filter status
Device bandwidth
RMS noise [Pa]
Supply current
@ ODR = 1 Hz [µA]
Low noise
Disabled
1.8
12
Enabled
ODR/9
1
12
Enabled
ODR/20
0.7
12
Low current
Disabled
5.6
4
Enabled
ODR/9
3.2
4
Enabled
ODR/20
2.1
4
The ONE_SHOT bit is used to start a new conversion when the ODR[2:0] bits in CTRL_REG1 (10h) are set
to '000'. Writing a '1' in ONE_SHOT triggers a single measurement of pressure and temperature. Once the
measurement is done, the ONE_SHOT bit will self-clear, the new data are available in the output registers, and
the STATUS (27h) bits are updated.
LPS27HHTW
CTRL_REG2 (11h)
DS13489 - Rev 1
page 38/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com