Electronic Components Datasheet Search
  English  ▼

X  

LPS27HHTW Datasheet(PDF) 52 Page - STMicroelectronics

Part # LPS27HHTW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTW Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LPS27HHTW Datasheet HTML 47Page - STMicroelectronics LPS27HHTW Datasheet HTML 48Page - STMicroelectronics LPS27HHTW Datasheet HTML 49Page - STMicroelectronics LPS27HHTW Datasheet HTML 50Page - STMicroelectronics LPS27HHTW Datasheet HTML 51Page - STMicroelectronics LPS27HHTW Datasheet HTML 52Page - STMicroelectronics LPS27HHTW Datasheet HTML 53Page - STMicroelectronics LPS27HHTW Datasheet HTML 54Page - STMicroelectronics LPS27HHTW Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
List of tables
Table 1.
Pin description...................................................................... 3
Table 2.
Pressure and temperature sensor characteristics .............................................. 4
Table 3.
Electrical characteristics ............................................................... 5
Table 4.
DC characteristics ................................................................... 5
Table 5.
SPI slave timing values................................................................ 6
Table 6.
I²C slave timing values ................................................................ 7
Table 7.
Absolute maximum ratings ............................................................. 8
Table 8.
Potting gel properties ................................................................ 10
Table 9.
Serial interface pin description .......................................................... 21
Table 10.
I²C terminology .................................................................... 21
Table 11.
SAD+Read/Write patterns ............................................................. 22
Table 12.
Transfer when master is writing one byte to slave............................................. 22
Table 13.
Transfer when master is writing multiple bytes to slave ......................................... 22
Table 14.
Transfer when master is receiving (reading) one byte of data from slave ............................. 22
Table 15.
Transfer when master is receiving (reading) multiple bytes of data from slave ......................... 23
Table 16.
MIPI I3CSM CCC commands ........................................................... 27
Table 17.
Registers address map ............................................................... 31
Table 18.
Output data rate bit configurations ....................................................... 36
Table 19.
Low-pass filter configurations .......................................................... 37
Table 20.
RMS noise and power consumption ...................................................... 38
Table 21.
Interrupt configurations ............................................................... 39
Table 22.
FIFO mode selection ................................................................ 40
Table 23.
Reel dimensions for carrier tape of CCLGA-10L package ....................................... 48
Table 24.
Document revision history ............................................................. 54
LPS27HHTW
List of tables
DS13489 - Rev 1
page 52/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55