Electronic Components Datasheet Search
  English  ▼

X  

LPS27HHTW Datasheet(PDF) 18 Page - STMicroelectronics

Part # LPS27HHTW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTW Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LPS27HHTW Datasheet HTML 14Page - STMicroelectronics LPS27HHTW Datasheet HTML 15Page - STMicroelectronics LPS27HHTW Datasheet HTML 16Page - STMicroelectronics LPS27HHTW Datasheet HTML 17Page - STMicroelectronics LPS27HHTW Datasheet HTML 18Page - STMicroelectronics LPS27HHTW Datasheet HTML 19Page - STMicroelectronics LPS27HHTW Datasheet HTML 20Page - STMicroelectronics LPS27HHTW Datasheet HTML 21Page - STMicroelectronics LPS27HHTW Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
5.6
Continuous (Dynamic-Stream)-to-FIFO mode
In Continuous (Dynamic-Stream)-to-FIFO mode (FIFO_CTRL (13h)(TRIG_MODES and F_MODE[1:0] = ‘111’),
data are stored in FIFO and FIFO operates in Continuous (Dynamic-Stream) mode behavior until it switches to
FIFO mode behavior when INT_SOURCE (24h)(IA) rises to '1'.
An interrupt generator has to be set to the desired configuration through INTERRUPT_CFG (0Bh).
Figure 14. Continuous (Dynamic-Stream)-to-FIFO mode
P1
T1
P2
T2
Pi,T
P0
T0
P127
T127
i
P1
T1
P2
T2
Pi,T
P0
T0
P127
T127
i
Dynamic-Stream Mode
FIFO Mode
Trigger event
P126
T126
5.7
Retrieving data from FIFO
FIFO data is read through FIFO_DATA_OUT_PRESS (78h, 79h and 7Ah) and FIFO_DATA_OUT_TEMP (7Bh,
7Ch).
The read address is automatically updated by the device and it rolls back to 78h when register 7Ch is reached. In
order to read all FIFO levels in a multiple byte read, 640 bytes (5 output registers by 128 levels) must be read.
LPS27HHTW
Continuous (Dynamic-Stream)-to-FIFO mode
DS13489 - Rev 1
page 18/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com