Electronic Components Datasheet Search
  English  ▼

X  

ADRV9002BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 5 Page - Analog Devices

  ADRV9002BBCZ Datasheet HTML 1Page - Analog Devices ADRV9002BBCZ Datasheet HTML 2Page - Analog Devices ADRV9002BBCZ Datasheet HTML 3Page - Analog Devices ADRV9002BBCZ Datasheet HTML 4Page - Analog Devices ADRV9002BBCZ Datasheet HTML 5Page - Analog Devices ADRV9002BBCZ Datasheet HTML 6Page - Analog Devices ADRV9002BBCZ Datasheet HTML 7Page - Analog Devices ADRV9002BBCZ Datasheet HTML 8Page - Analog Devices ADRV9002BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 92
Table 1. Transmitters (Tx1 and Tx2)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
IMAGE REJECTION WITH
INITIALIZATION CALIBRATION AND
TRACKING CALIBRATION
Wideband
0 dB transmitter attenuation, 40 MHz bandwidth, −0.2 dBFS, 18 MHz
continuous wave2 signal input, 50 Ω load, 0 dB observation receiver
attenuation, QEC is active
50 MHz
57
dBc
470 MHz
66
dBc
900 MHz
63
dBc
2400 MHz
60
dBc
3500 MHz
61
dBc
5800 MHz
57
dBc
CONTINUOUS WAVE FULL-SCALE
OUTPUT POWER
−0.2 dBFS, 18 MHz continuous wave2 signal input, 50 Ω load, 0 dB
transmitter attenuation
30 MHz
7.3
dBm
470 MHz
7.3
dBm
900 MHz
7.6
dBm
2400 MHz
7.4
dBm
3500 MHz
7.8
dBm
5800 MHz
7.2
dBm
OUTPUT IMPEDANCE
ZOUT
50
Ω
Differential, see the ADRV9001 system development user guide for more
information
MAXIMUM OUTPUT LOAD VOLTAGE
STANDING WAVE RATIO (VSWR)
3
Use the maximum value to ensure adequate calibration
OUTPUT RETURN LOSS
Single-ended return loss measured with balun in place on board
30 MHz
17
dB
470 MHz
18
dB
900 MHz
17
dB
2400 MHz
23
dB
3500 MHz
13
dB
5800 MHz
10
dB
OUTPUT THIRD-ORDER INTERCEPT
POINT
0 dB transmitter attenuation, 40 MHz bandwidth, 17 MHz and 18 MHz
continuous wave2 signal input, digital backoff = 11 dBFS/tone, calibrated at
the device output
Wideband
OIP3WB
50 MHz
31
dBm
470 MHz
31
dBm
900 MHz
30
dBm
2400 MHz
28
dBm
3500 MHz
29
dBm
5800 MHz
27
dBm
Narrow-Band
OIP3NB
0 dB transmitter attenuation, 25 kHz bandwidth, 2.1 kHz and 3.1 kHz
continuous wave2 signal input, digital backoff = 5 dBFS/tone, calibrated at
the device output
30 MHz
30
dBm
470 MHz
31
dBm
900 MHz
30
dBm
2400 MHz
28
dBm
3500 MHz
27
dBm
5800 MHz
25
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com