Electronic Components Datasheet Search
  English  ▼

X  

ADRV9002BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 5Page - Analog Devices ADRV9002BBCZ Datasheet HTML 6Page - Analog Devices ADRV9002BBCZ Datasheet HTML 7Page - Analog Devices ADRV9002BBCZ Datasheet HTML 8Page - Analog Devices ADRV9002BBCZ Datasheet HTML 9Page - Analog Devices ADRV9002BBCZ Datasheet HTML 10Page - Analog Devices ADRV9002BBCZ Datasheet HTML 11Page - Analog Devices ADRV9002BBCZ Datasheet HTML 12Page - Analog Devices ADRV9002BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. 0 | 9 of 92
Table 2. Receivers (Rx1A, Rx1B, Rx2A, and Rx2B)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
THIRD-ORDER INPUT
INTERMODULATION INTERCEPT POINT,
DIFFERENCE PRODUCT
Wideband
IIP3WB
Low power receiver ADCs, 0 dB receiver attenuation, f1dB of the TIA = 20
MHz, two continuous wave tones at 17 MHz and 18 MHz, for LO = 50 MHz,
tone output power is −11.6 dBFS/tone, for all other LOs, tone output power
is −8.1 dBFS/tone
50 MHz
21
dBm
470 MHz
22
dBm
900 MHz
22
dBm
2400 MHz
21
dBm
3500 MHz
23
dBm
5800 MHz
20
dBm
THIRD-ORDER HARMONIC DISTORTION
Wideband
HD3WB
High performance receiver ADCs, −20 dBm input power continuous wave
tone at 5.6 MHz at maximum gain at Rx input port, f1dB of the TIA = 20 MHz,
HD3 product at 16.8 MHz
50 MHz
−84
dBc
470 MHz
−74
dBc
900 MHz
−82
dBc
2400 MHz
−92
dBc
3500 MHz
−93
dBc
5800 MHz
−89
dBc
Narrow-Band
HD3NB
High performance receiver ADCs, −20 dBm input power continuous wave
tone at 2.1 kHz at maximum gain at Rx input port, f1dB of the TIA = 2 MHz,
HD3 product at 6.3 kHz
30 MHz
−102
dBc
470 MHz
−97
dBc
900 MHz
−89
dBc
2400 MHz
−79
dBc
3500 MHz
−80
dBc
5800 MHz
−72
dBc
THIRD-ORDER HARMONIC DISTORTION
Wideband
HD3WB
Low power receiver ADCs, −20 dBm input power continuous wave tone at
5.6 MHz at maximum gain at Rx input port, f1dB of the TIA = 20 MHz, HD3
product at 16.8 MHz
50 MHz
−90
dBc
470 MHz
−71
dBc
900 MHz
−79
dBc
2400 MHz
−81
dBc
3500 MHz
−82
dBc
5800 MHz
−84
dBc
Narrow-Band
HD3NB
Low power receiver ADCs, −20 dBm input power continuous wave tone at
2.1 kHz at maximum gain at Rx input port, f1dB of the TIA = 2 MHz, HD3
product at 6.3 kHz
30 MHz
−108
dBc
470 MHz
−95
dBc
900 MHz
−89
dBc
2400 MHz
−81
dBc
3500 MHz
−80
dBc
5800 MHz
−71
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com