Electronic Components Datasheet Search
  English  ▼

X  

ADRV9002BBCZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 7Page - Analog Devices ADRV9002BBCZ Datasheet HTML 8Page - Analog Devices ADRV9002BBCZ Datasheet HTML 9Page - Analog Devices ADRV9002BBCZ Datasheet HTML 10Page - Analog Devices ADRV9002BBCZ Datasheet HTML 11Page - Analog Devices ADRV9002BBCZ Datasheet HTML 12Page - Analog Devices ADRV9002BBCZ Datasheet HTML 13Page - Analog Devices ADRV9002BBCZ Datasheet HTML 14Page - Analog Devices ADRV9002BBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. 0 | 11 of 92
Table 2. Receivers (Rx1A, Rx1B, Rx2A, and Rx2B)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
5800 MHz
78
dBc
IMAGE REJECTION WITH
INITIALIZATION CALIBRATION AND
HARDWARE TRACKING ONLY
Wideband
Low power receiver ADCs, software QEC disabled, 40 MHz receiver
bandwidth, maximum receiver gain index, −20 dBm input power continuous
wave tone at 5.6 MHz
50 MHz
87
dBc
470 MHz
90
dBc
900 MHz
86
dBc
1900 MHz
84
dBc
3500 MHz
82
dBc
5800 MHz
75
dBc
RECEIVER INPUT LO LEAKAGE AT
MAXIMUM GAIN
Leakage decreased dB for dB with attenuation for the first 12 dB
50 MHz
−66
dBm
470 MHz
−66
dBm
900 MHz
−66
dBm
2400 MHz
−66
dBm
3500 MHz
−62
dBm
5800 MHz
−60
dBm
SIGNAL ISOLATION
Tx1 to Rx1A or Rx1B Signal Isolation
and Tx2 to Rx2A or Rx2B Signal
Isolation
Isolation between Tx and Rx port, isolation changes dB for dB with Rx gain
30 MHz
100
dB
470 MHz
85
dB
900 MHz
78
dB
2400 MHz
77
dB
3500 MHz
62
dB
5800 MHz
64
dB
Tx1 to Rx2A or Rx2B Isolation and Tx2
to Rx1A or Rx2B Signal Isolation
Isolation between Tx and Rx port, isolation changes dB for dB with Rx gain
30 MHz
120
dB
470 MHz
110
dB
900 MHz
100
dB
2400 MHz
90
dB
3500 MHz
74
dB
5800 MHz
81
dB
Rx1A or Rx1B to Rx2A or Rx2B Signal
Isolation
30 MHz
106
dB
470 MHz
103
dB
900 MHz
98
dB
2400 MHz
92
dB
3500 MHz
83
dB
5800 MHz
71
dB
Rx1A to Rx1B and Rx2A to Rx2B Signal
Isolation
30 MHz
99
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com