Electronic Components Datasheet Search
  English  ▼

X  

ADRV9002BBCZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 6Page - Analog Devices ADRV9002BBCZ Datasheet HTML 7Page - Analog Devices ADRV9002BBCZ Datasheet HTML 8Page - Analog Devices ADRV9002BBCZ Datasheet HTML 9Page - Analog Devices ADRV9002BBCZ Datasheet HTML 10Page - Analog Devices ADRV9002BBCZ Datasheet HTML 11Page - Analog Devices ADRV9002BBCZ Datasheet HTML 12Page - Analog Devices ADRV9002BBCZ Datasheet HTML 13Page - Analog Devices ADRV9002BBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. 0 | 10 of 92
Table 2. Receivers (Rx1A, Rx1B, Rx2A, and Rx2B)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SECOND-ORDER HARMONIC
DISTORTION
Wideband
HD2WB
High performance receiver ADCs, −20 dBm input power continuous wave
tone at 5.6 MHz at maximum gain at Rx input port, f1dB of the TIA = 20 MHz,
HD2 product at 11.2 MHz
50 MHz
−91
dBc
470 MHz
−93
dBc
900 MHz
−93
dBc
2400 MHz
−89
dBc
3500 MHz
−83
dBc
5800 MHz
−82
dBc
Narrow-Band
HD2NB
High performance receiver ADCs, −20 dBm input power continuous wave
tone at 2.1 kHz at maximum gain at Rx input port, f1dB of the TIA = 2 MHz,
HD2 product at 4.2 kHz
30 MHz
−102
dBc
470 MHz
−96
dBc
900 MHz
−90
dBc
2400 MHz
−79
dBc
3500 MHz
−80
dBc
5800 MHz
−71
dBc
SECOND-ORDER HARMONIC
DISTORTION
Wideband
HD2WB
Low power receiver ADCs, −20 dBm input power continuous wave tone at
5.6 MHz at maximum gain at Rx input port, f1dB of the TIA = 20 MHz, HD2
product at 11.2 MHz
50 MHz
−92
dBc
470 MHz
−92
dBc
900 MHz
−91
dBc
2400 MHz
−89
dBc
3500 MHz
−84
dBc
5800 MHz
−79
dBc
Narrow-Band
HD2NB
Low power receiver ADCs, −20 dBm input power continuous wave tone at
2.1 kHz at maximum gain at Rx input port, f1dB of the TIA = 2 MHz, HD2
product at 4.2 kHz
30 MHz
−109
dBc
470 MHz
−94
dBc
900 MHz
−90
dBc
2400 MHz
−81
dBc
3500 MHz
−80
dBc
5800 MHz
−70
dBc
IMAGE REJECTION WITH
INITIALIZATION CALIBRATION AND
HARDWARE TRACKING ONLY
Wideband
High performance receiver ADCs, software QEC disabled, 40 MHz receiver
bandwidth, maximum receiver gain index, −20 dBm input power continuous
wave tone at 5.6 MHz
50 MHz
84
dBc
470 MHz
83
dBc
900 MHz
82
dBc
1900 MHz
81
dBc
3500 MHz
82
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com