Electronic Components Datasheet Search
  English  ▼

X  

ADRV9002BBCZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 19Page - Analog Devices ADRV9002BBCZ Datasheet HTML 20Page - Analog Devices ADRV9002BBCZ Datasheet HTML 21Page - Analog Devices ADRV9002BBCZ Datasheet HTML 22Page - Analog Devices ADRV9002BBCZ Datasheet HTML 23Page - Analog Devices ADRV9002BBCZ Datasheet HTML 24Page - Analog Devices ADRV9002BBCZ Datasheet HTML 25Page - Analog Devices ADRV9002BBCZ Datasheet HTML 26Page - Analog Devices ADRV9002BBCZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
Data Sheet
ADRV9002
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 23 of 92
Table 17. Pin Function Descriptions
Pin No.
Type
Mnemonic
Description
G3
Input
VTX2LO_1P3
1.3 V Supply for Tx2 LO Buffers, Upconverter, and LO Delay. Provide a 1.0 V supply to VTX2LO_1P3
when the internal LDO is not used. VTX2LO_1P3 is sensitive to supply noise.
G5
Input
VCLKVCO_1P3
1.3 V Internal LDO Input Supply for Clock LO VCO and LO Generation Circuitry. VCLKVCO_1P3 is
sensitive to supply noise.
G7
Input
VCONV_1P8
1.8 V Supply for Tx1 and Tx2 DAC and Rx1 and Rx2 ADC.
G8
Input
VAGPIO_1P8
1.8 V Supply for Auxiliary DACs, Auxiliary ADCs, and AGPIO Signals.
G10
Input
VAUXVCO_1P3
1.3 V Internal LDO Input Supply for Auxiliary LO VCO and LO Generation Circuitry. VAUXVCO_1P3 is
sensitive to supply noise.
G12
Input
VTX1LO_1P3
1.3 V Internal LDO Input Supply for Tx1 LO Buffers, Upconverter, and LO Delay. Provide a 1.0 V supply
to VTX1LO_1P3 when the internal LDO regulator is not used. VTX1LO_1P3 is sensitive to supply noise.
G14, H14
Output
TX1+, TX1−
Differential Output for Transmitter Channel 1. If unused, do not connect TX1+ and TX1−.
H2
Input
VANA2_1P8
1.8 V Supply for Rx2 Mixer, Rx2 TIA, Tx2 LPF, and Internal References.
H3
Output
VTX2LO_1P0
1.0 V Internal Supply Node for Tx2 LO Buffers, Upconverter, and LO Delay. For normal operation, leave
VTX2LO_1P0 unconnected.
H4
Input
AUXADC_3
Input 3 to Auxiliary ADC Input Multiplexer. If unused, do not connect AUXADC_3.
H5
Output
VCLKVCO_1P0
1.0 V Internal Supply Node for Clock LO VCO and LO Generation Circuitry. Bypass VCLKVCO_1P0 with
a 4.7 µF capacitor.
H7
Output
VCONV_1P0
1.0 V Internal Supply Node for Receiver ADCs and Transmitter DACs. Bypass VCONV_1P0 with a 4.7
µF capacitor.
H8
Input
VCONV_1P3
1.3 V Internal LDO Input Supply for Receiver ADCs and Transmitter DACs. Provide a 1.0 V supply to
VCONV_1P3 when the internal LDO regulator is not used. VCONV_1P3 is sensitive to supply noise.
H10
Output
VAUXVCO_1P0
1.0 V Internal Supply Node for Auxiliary LO VCO and LO Generation Circuitry. Bypass VAUXVCO_1P0
with a 4.7 µF Capacitor.
H11
Input
AUXADC_0
Input 0 to Auxiliary ADC Input Multiplexer. If unused, do not connect AUXADC_0.
H12
Output
VTX1LO_1P0
1.0 V Internal Supply Node for Tx1 LO Buffers, Upconverter, and LO Delay. For normal operation, leave
VTX1LO_1P0 unconnected.
H13
Input
VANA1_1P8
1.8 V Supply for Rx1 Mixer, Rx1 TIA, Tx1 LPF, Crystal Oscillator, DEV_CLK Circuitry, and Internal
References.
K1
Input
SPI_CLK
Serial Data Bus Clock Input.
K2
Input and
Output
SPI_DIO
Serial Data Input in 4-Wire Mode or Input and Output in 3-Wire Mode.
K3
Input
RX2_EN
Enable Input for Rx2. If unused, do not connect RX2_EN.
K4
Input
VSSA/TESTCK+
Connect VSSA/TESTCK+ to VSSA for normal operation.
K5
Input
VSSA/TESTCK−
Connect VSSA/TESTCK− to VSSA for normal operation.
K6 to K11, L4 to L6, L9 to L11
Input and
Output
DGPIO_xx
Digital GPIO. VDIGIO_1P8 supplies 1.8 V to DGPIO_xx. See Table 18 to match the pin location to the
DGPIO_xx signal name. If unused, do not connect DGPIO_xx.
K12
Input
RX1_EN
Enable Input for Rx1. If unused, do not connect RX1_EN.
K13
Input
RESETB
Active Low Chip Reset.
K14
Output
GP_INT
General-Purpose Digital Interrupt Output Signal. If unused, do not connect GP_INT.
L1
Input
SPI_EN
Active Low Serial Data Bus Chip Select.
L2
Output
SPI_DO
Serial Data Output. If unused in SPI 3-wire mode, do not connect SPI_DO.
L3
Input
TX2_EN
Enable Input for Transmitter Channel 2. If unused, do not connect TX2_EN.
L7, L8
Input
VDIG_1P0
1.0 V Digital Core. Connect Pin L7 and Pin L8 together. Use a wide trace to connect the VDIG_1P0 pins
to a separate power supply domain. Provide reservoir capacitance close to the chip.
L12
Input
TX1_EN
Enable Input for Transmitter Channel 1. If unused, do not connect TX1_EN.
L13
Input
MODE
Joint Test Action Group (JTAG) Boundary Scan Pin. See Table 19 for more information. If unused,
connect MODE to VSSA.
L14
Output
DEV_CLK_OUT
Single-Ended Device Clock Output. DEV_CLK_OUT provides a DEV_CLK signal or the divided version
to the baseband IC. If unused, do not connect DEV_CLK_OUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com