Electronic Components Datasheet Search
  English  ▼

X  

FUSB251 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FUSB251
Description  Type-C CC and SBU Protection IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB251 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FUSB251 Datasheet HTML 2Page - ON Semiconductor FUSB251 Datasheet HTML 3Page - ON Semiconductor FUSB251 Datasheet HTML 4Page - ON Semiconductor FUSB251 Datasheet HTML 5Page - ON Semiconductor FUSB251 Datasheet HTML 6Page - ON Semiconductor FUSB251 Datasheet HTML 7Page - ON Semiconductor FUSB251 Datasheet HTML 8Page - ON Semiconductor FUSB251 Datasheet HTML 9Page - ON Semiconductor FUSB251 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
FUSB251
www.onsemi.com
6
ELECTRICAL SPECIFICATION TABLE Unless otherwise specified: Recommended TA and TJ temperature ranges. All typical
values are at TA = 25°C and VDD = 3.8 V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IQ
Quiescent supply current
VDD = 2.7 to 5.5 V, Switch is closed,
no load, moisture detection is not
enabled
15
mA
IMOS
Current with moisture detection enabled
VDD = 2.7 to 5.5 V, Switch is closed,
CC toggle and CC moisture
detection is enabled, Avg for 1 sec
30
mA
IDRY
Current consumption when Dry check is
working on
VDD = 2.7 to 5.5 V,
Moisture detected, and Dry check
enabled, T(PD, period) = 4 sec
15
mA
IOFF
Power off leakage current
VDD = 0 V, Except CC1/CC2
1
mA
VUVLO
Under voltage Lockout
VDD Rising, VDD Falling
2.45 (Rising),
2.40 (Falling)
2.55 (Rising)
V
TSD
Thermal Shut down
Shutdown Threshold/ Return from
Shutdown/ Hysteresis
150°C
(shutdown),
130°C (Return),
20°C (Hysteresis)
ICC_LEAK
CC ON leakage current
VDD = 2.7 to 5.5 V, CC Switch
closed, CCx_H float, measure
leakage from CCx with 3.3 V
0.5
mA
RON_CC
CC1, CC2 RON resistance
VDD = 2.7 to 5.5 V, IOUT = 200 mA
300
mW
RFlatness_CC
VDD = 2.7 to 5.5 V,
Vcc swing = 0 V − 1.2 V
10
mW
VOVP_CC
CC over voltage protection threshold
VDD = 2.7 to 5.5 V, VCC rising
5.70
5.85
6.00
V
VOVP_CC_FALL
CC recover threshold when voltage on
CC is falling
VDD = 2.7 V to 5.5 V
5.70
V
VOV_HYS_CC
CC OVP threshold Hysteresis
VDD = 2.7 to 5.5 V
0.15
V
tCC_OVP
CC OVP Trip time (Note 1)
VDD = 2.7 to 5.5 V, CCx rise from 4
V to 6 V with 1 V/ns slew rate,
RL = 30 W on CCx_H
250
ns
Rd_CC
Dead battery pull down resistance
VDD = 0 to UVLO, Dead battery
resistance / Voltage on pin
4.1
5.1
6.1
kW
VOVP_SBU
SBU over voltage threshold
VDD = 2.7 to 5.5 V, SBU Rising
4.4
4.5
4.7
V
VOVP_SBU_FALL SBU OVP recovery threshold when
voltage on SBU is falling
VDD = 2.7 V to 5.5 V
4.35
V
VOV_SBU_HYS
SBU OVP Hysteresis
VDD = 2.7 to 5.5 V, Measure
difference between SBUX rising and
falling OVP threshold
0.15
V
ISBU_ON_LEAK
SBU ON leakage current
VDD = 2.7 to 5.5 V, Switch closed,
SBUx_H floating, measure leakage
@1 V SBU Note (SBU ON leakage spec
is different depending on temperature)
(Note 1)
1
5 @85°C,
15 @100°C
nA
ISBU_OFF_LEAK
SUB OFF leakage from SBUx
VDD = 2.7 to 5.5 V, Switch open,
Measure leakage current from SBUx
with 0 − VDD
−0.5
0.5
mA
RON_SBU
SBU1, SBU2 Switch ON resistance
VDD = 2.7 to 5.5 V, VSW_SBU
= VDD, ISBU_ON = −8mA
3
5
W
RFlatness_SBU
SBU RON Flatness
VDD = 2.7 to 5.5 V,
VSBU Swing = 0 − VDD
0.1
W
TOVP_SBU
SBU OVP response time (Note 1)
VDD = 2.7 to 5.5 V, SBUx rise from
4 V to 6 V with 1 V/ns.
RL = 30 W on SBUx_H
0.5
ms
RON_FM
FM to SBU1 or SBU2 ON resistance
VDD = 2.7 to 5.5 V, Close FM to
SBU1 or SBU2 switch, VSW_SBU
= VDD, ISBU_ON = −8 mA
15
W
RFlatness_FM
FM to SBU1/SBU2 switch Rflatness
VDD = 2.7 to 5.5 V,
VSBU_Swing = 0 − VDD
0.1
W
CON_CC
CC Switch ON capacitance (Note 1)
VDD = 2.7 to 5.5 V,
VCC_SW = 0 − 1.2 V, f = 400 kHz
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com