Electronic Components Datasheet Search
  English  ▼

X  

FUSB251 Datasheet(PDF) 12 Page - ON Semiconductor

Part # FUSB251
Description  Type-C CC and SBU Protection IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB251 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FUSB251 Datasheet HTML 8Page - ON Semiconductor FUSB251 Datasheet HTML 9Page - ON Semiconductor FUSB251 Datasheet HTML 10Page - ON Semiconductor FUSB251 Datasheet HTML 11Page - ON Semiconductor FUSB251 Datasheet HTML 12Page - ON Semiconductor FUSB251 Datasheet HTML 13Page - ON Semiconductor FUSB251 Datasheet HTML 14Page - ON Semiconductor FUSB251 Datasheet HTML 15Page - ON Semiconductor FUSB251 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
FUSB251
www.onsemi.com
12
ADC TABLE FOR MOISTURE DETECTION
Bit
Pull up (kW) to 1 V
Moisture resistance (kW)
Voltage (V)
0
0
320
17
0.05
1
1
320
36
0.1
2
10
320
56
0.15
3
11
320
80
0.2
4
100
320
107
0.25
5
101
320
137
0.3
6
110
320
172
0.35
7
111
320
213
0.4
8
1000
320
262
0.45
9
1001
320
320
0.5
10
1010
320
391
0.55
11
1011
320
480
0.6
12
1100
320
594
0.65
13
1101
320
747
0.7
14
1110
320
960
0.75
15
1111
320
1,280
0.8
REGISTER MAPPING TABLE
Read Only
Write Only
Read / Write
Read / Clear
Write / Clear
Address
Name
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
0x01
Product ID
Device ID
Product ID
Revision ID
0x02
Control
Debug_Acc
NU
EN_DRY
Auto_EN_SBU
EN_SBUFT
EN_SBU
EN_CC
MAN_SW
0x03
Interrupt
NU
CC2_Timer
CC1_Timer
DRY_CHG
MOS_CHG
OVP_REC
OVP
0x04
Interrupt_Mask
NU
Mask_CC2_Timer Mask_CC1_Timer
Mask_DRY_CHG Mask_MOS_CHG Mask_OVP_Rec
Mask_OVP
0x05
Status
LOOK4CC
LOOK4SBU
LOOK4DRY
NU
OVP_SBU
OVP_CC
0x06
Moisture Status
Fault
SBU2_FT
SBU1_FT
SBU2_MOS
SBU1_MOS
CC2_MOS
CC1_MOS
0x07
Switch control
NU
SBU
CC
0x08
Threshold1
SBU_MOS_DET
CC_MOS_DET
0x09
Threshold2
NU
SBU_Float_DET
VDRY
0x0A
Timer
NU
TDRY(DRY timer)
0x0B
RESET
NU
MOS Reset
Device reset
0x0C
Timer2
NU
Number of ADC Read
CC settle time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com