Electronic Components Datasheet Search
  English  ▼

X  

FUSB251 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FUSB251
Description  Type-C CC and SBU Protection IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB251 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FUSB251 Datasheet HTML 7Page - ON Semiconductor FUSB251 Datasheet HTML 8Page - ON Semiconductor FUSB251 Datasheet HTML 9Page - ON Semiconductor FUSB251 Datasheet HTML 10Page - ON Semiconductor FUSB251 Datasheet HTML 11Page - ON Semiconductor FUSB251 Datasheet HTML 12Page - ON Semiconductor FUSB251 Datasheet HTML 13Page - ON Semiconductor FUSB251 Datasheet HTML 14Page - ON Semiconductor FUSB251 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
FUSB251
www.onsemi.com
11
Detection time on CC moisture is dependent on the
settling time and number of ADC read, default is 1 time
ADC and 400
ms settle time. They can be programmed in
Timer2 register, 0x0C.
SBU Moisture Detection
If CC port is on DRP or Source mode, moisture inside
connector can make leakage path from CC to SBU, which
makes SBU can have float voltage similar to the shape of
CC. So the SBU float voltage can be detected if moisture is
present while CC is on toggle or SRC mode. SBU float
voltage detection can be started with the EN_SBUFT
register set. If the bit is set, FUSB251 starts monitoring
voltage on both SBU1 and SUB2, and if the voltage on either
port is the same or above the threshold, the moisture_status
register (0x06, bit 4 and/or 5) is set with an interrupt. With
the interrupt, processor can turn off the CC and SBU switch
path to protect from corrosion, or processor could further
moisture check using force SBU detection.
SBU float voltage detection also can be enabled when CC
moisture detection result is timer expire, which can happen
where there is no DRP toggle on CC. For example, if CC
moisture detection is enabled where Type−C accessory is
already plugged−in, the moisture detection will end up timer
expire and so SBU float voltage detection will be started
instead.
Once SBU float voltage detection is enabled, it keeps
monitoring until moisture found. If device is reset or both
EN_CC and EN_SBUFT are disabled, the floating detection
stops and goes back to disable mode which is idle mode.
Force SBU detection is initiated by EN_SBU or
Auto_EN_SBU bit. Auto_EN_SBU bit is for pre−set before
moisture is detected, EN_SBU can be set at anytime when
SBU moisture detection is needed. After either CC or SBU
float voltage detection detected moisture, if Auto_EN_SBU
bit is set, FUSB251 goes to moisture detection on SBU with
the same way of CC moisture detection, using 1volt source
with 320 k
W pull up, which is secondary moisture detection
using SBU. So, Host processor can use force SBU detection
in case CC moisture or SBU float voltage detection result is
not enough and additional moisture detection is needed.
Force SBU detection makes open the both CC and SBU
switches and detects moisture on SBU. Opening CC switch
will disconnect the Type−C device and will remove Vbus
from Type−C source. The detection time of SBU force
detection is 1msec. Device reset or moisture reset bit can be
used to close the CC and SBU switch again.
If moisture is present in connector and if source device
provides VBUS, there could be OVP interrupt on SBU by
leakage path between Vbus and SBU.
Dry Check
Dry check routine can be started after moisture is detected
by force SBU detection. After moisture detected on SBU, if
EN_DRY bit is enabled, dry check routine is started which
is keep checking moisture on SBU every second or up to
10second. The Dry check timer can be set in the register,
0x0A, timer register. Also, the moisture threshold can be set
in the Threshold2 register, 0x09. If Dry condition is reached,
Interrupt is generated to let host know the change, then
processor has to disable all the moisture detection or
moisture reset to go to idle mode. If moisture reset bit is set
after Dry condition reached, the moisture detection state
machine will restart based on control register bits.
Figure 7. Moisture Detection with ADC
CC1
SBU1
+
−
1.0 V
Reference
Detect
CC2
SBU2
320 kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com