Electronic Components Datasheet Search
  English  ▼

X  

FUSB251 Datasheet(PDF) 15 Page - ON Semiconductor

Part # FUSB251
Description  Type-C CC and SBU Protection IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB251 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FUSB251 Datasheet HTML 11Page - ON Semiconductor FUSB251 Datasheet HTML 12Page - ON Semiconductor FUSB251 Datasheet HTML 13Page - ON Semiconductor FUSB251 Datasheet HTML 14Page - ON Semiconductor FUSB251 Datasheet HTML 15Page - ON Semiconductor FUSB251 Datasheet HTML 16Page - ON Semiconductor FUSB251 Datasheet HTML 17Page - ON Semiconductor FUSB251 Datasheet HTML 18Page - ON Semiconductor FUSB251 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
FUSB251
www.onsemi.com
15
SWITCH CONTROL
Address: 07h
Reset Value: 0x0000_0000
Type: Read / Write
2:1
SBU
R/W
2
00 : Open both SBU1 and SBU2 switches
01 : SBU1 and SBU2 close to SBU1_H and SBU2_H
10 : SBU2 closes to FM, SBU1, SBU1_H and SBU2_H are open
11 : SBU1 closes to FM, SBU2, SBU1_H and SBU2_H are open
0
CC
R/W
1
0 : CC1 and CC2 switch are open
1 : CC1 and CC2 close to CC1_H and CC2_H
THRESHOLD 1
Address: 08h
Reset Value: 0x1011_1011
Type: Read / Write
Bit #
Name
R/W/C
Size (Bits)
Description
7:4
SBU_MOS_DET
R/W
4
0000 : 17 kW
0001 : 36 kW
…
1011 : 480 kW
…
1111 : 1280 kW
3:0
CC_MOS_DET
R/W
4
0000 : 17 kW
0001 : 36 kW
…
1011 : 480 kW
…
1111 : 1280 kW
THRESHOLD 2
Address: 09h
Reset Value: 0x0001_1101
Type: Read / Write
Bit #
Name
R/W/C
Size (Bits)
Description
7
NU
R
1
Do not use
6:4
SBU_Float_DET
R/W
3
000 : 100 mV
001 : 200 mV
010 : 300 mV
011 : 400 mV
100 : 500 mV
101 : 600 mV
110 : 700 mV
111 : 800 mV
3:0
VDRY
R/W
4
0000 : 17 kW
0001 : 36 kW
…
1101 : 747 kW
…
1111 : 1280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com