Electronic Components Datasheet Search
  English  ▼

X  

FUSB251 Datasheet(PDF) 14 Page - ON Semiconductor

Part # FUSB251
Description  Type-C CC and SBU Protection IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB251 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button FUSB251 Datasheet HTML 10Page - ON Semiconductor FUSB251 Datasheet HTML 11Page - ON Semiconductor FUSB251 Datasheet HTML 12Page - ON Semiconductor FUSB251 Datasheet HTML 13Page - ON Semiconductor FUSB251 Datasheet HTML 14Page - ON Semiconductor FUSB251 Datasheet HTML 15Page - ON Semiconductor FUSB251 Datasheet HTML 16Page - ON Semiconductor FUSB251 Datasheet HTML 17Page - ON Semiconductor FUSB251 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
FUSB251
www.onsemi.com
14
INTERRUPT_MASK
Address: 04h
Reset Value: 0x0000_0000
Type: Read / Write
3
Mask_Dry_Detect
R/W
1
1 : Mask DRY status change interrupt
2
Mask_MOS_Detect
R/W
1
1 : Mask Moisture status change interrupt
1
Mask_OVP_REC
R/W
1
1 : Mask OVP recovery interrupt
0
Mask_OVP
R/W
1
1 : Mask OVP Interrupt
STATUS
Address: 05h
Reset Value: 0x0000_0000
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Description
7
LOOK4CC
R
1
1 : Device is monitoring moisture on CC1 or CC2
6
LOOK4SBU
R
1
1 : Device is monitoring moisture on SBU1 or SBU2 using float
voltage detection
5
LOOK4DRY
R
1
1 : Monitoring Dry check on SBU1 and SBU2
3:2
NU
R
1
Do not use
1
OVP_SBU
R
1
1 : OVP conditions on SBU1 or SBU2
0
OVP_CC
R
1
1 : OVP conditions on CC1 or CC2
MOISTURE_STATUS
Address: 06h
Reset Value: 0x0000_0000
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Description
7:6
FAULT
R
2
These bits are set when moisture detection on SBU using volt-
age source didn’t detect moisture. “01” and “10” will be set with
other register bit such as bit0/1 or bit4/5
00 : No moisture detection tried on SBU
01 : Moisture was detected on CC but not found on SBU
10 : Moisture was detected by SBU Float voltage detec-
tion(SBUFT) but not found on SBU
11 : No moisture detected on both CC and SBU
5
SBUF2_FT
R
1
1 : Float voltage detected on SBU2
4
SBU1_FT
R
1
1 : Float voltage detected on SBU1
3
SBU2_MOS
R
1
1 : Moisture detected on SBU2
2
SBU1_MOS
R
1
1 : Moisture detected on SBU1
1
CC2_MOS
R
1
1 : Moisture detected on CC2
0
CC1_MOS
R
1
1 : Moisture detected on CC1
SWITCH CONTROL
Address: 07h
Reset Value: 0x0000_0000
Type: Read / Write
Bit #
Name
R/W/C
Size (Bits)
Description
7:3
NU
R/W
5
Do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com