Electronic Components Datasheet Search
  English  ▼

X  

TAS6424-Q1 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TAS6424-Q1
Description  TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS6424-Q1 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TAS6424-Q1 Datasheet HTML 54Page - Texas Instruments TAS6424-Q1 Datasheet HTML 55Page - Texas Instruments TAS6424-Q1 Datasheet HTML 56Page - Texas Instruments TAS6424-Q1 Datasheet HTML 57Page - Texas Instruments TAS6424-Q1 Datasheet HTML 58Page - Texas Instruments TAS6424-Q1 Datasheet HTML 59Page - Texas Instruments TAS6424-Q1 Datasheet HTML 60Page - Texas Instruments TAS6424-Q1 Datasheet HTML 61Page - Texas Instruments TAS6424-Q1 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
9.6.32 Miscellaneous Control 5 Register (address = 0x28) [default = 0x0A]
The Miscellaneous Control 5 register is shown in and described in Table 9-41.
Figure 9-44. Miscellaneous Control 5 Register
7
6
5
4
3
2
1
0
SS_BW_SEL
SS_DIV2
PHASE_SEL
RESERVED
R/W-0
R/W-0
R/W-0
R/W-01010
Table 9-41. Misc Control 5 Field Descriptions
Bit
Field
Type
Reset
Description
7
SS_BW_SEL
R/W
0
Spread Spectrum Bandwidth Selection. Must be set to "1" when
Spread Spectrum is enabled.
0: Spread Spectrum disabled
1: Spread Spectrum enabled
6
SS_DIV2
R/W
0
Spread Spectrum Post Divider Control. Must be set to "1" when
Spread Spectrum is enabled.
0: Spread Spectrum disabled
1: Spread Spectrum enabled
5
PHASE_SEL
R/W
0
WARNING: This bit must be set to '1' before exiting
STANDBY. By default, this bit is set to '0', which is an output
stage phase option not supported by this device.
0: RESERVED (default, must be changed to '1')
1: Supported Phase Offsets
4-0
RESERVED
R/W
01010
RESERVED
9.6.33 Spread-Spectrum Control 1 Register (address = 0x77) [default = 0x00]
The Miscellaneous Control 5 register is shown in Figure 9-45 and described in Table 9-42.
Figure 9-45. Spread-Spectrum Control Register
7
6
5
4
3
2
1
0
SS_EN
SS_AMPL
R/W-0
R/W-0000000
Table 9-42. Spread-Spectrum Control Field Descriptions
Bit
Field
Type
Reset
Description
7
SS_EN
R/W
0
Spread-Spectrum Enable
0: Spread-Spectrum disabled.
1: Spread-Spectrum enabled.
6-0
SS_AMPL
R/W
0000000
Spread-Spectrum amplitude control
TAS6424E-Q1
SLOSE73 – JUNE 2021
www.ti.com
58
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TAS6424E-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com