Electronic Components Datasheet Search
  English  ▼

X  

TAS6424-Q1 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS6424-Q1
Description  TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS6424-Q1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS6424-Q1 Datasheet HTML 17Page - Texas Instruments TAS6424-Q1 Datasheet HTML 18Page - Texas Instruments TAS6424-Q1 Datasheet HTML 19Page - Texas Instruments TAS6424-Q1 Datasheet HTML 20Page - Texas Instruments TAS6424-Q1 Datasheet HTML 21Page - Texas Instruments TAS6424-Q1 Datasheet HTML 22Page - Texas Instruments TAS6424-Q1 Datasheet HTML 23Page - Texas Instruments TAS6424-Q1 Datasheet HTML 24Page - Texas Instruments TAS6424-Q1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
9 Detailed Description
9.1 Overview
The TAS6424E-Q1 is a four-channel digital-input Class-D audio amplifier specifically tailored for use in the
automotive industry. The device is designed for vehicle battery operation or boosted voltage systems. This
ultra-efficient Class-D technology allows for reduced power consumption, reduced PCB area, and reduced heat.
The device realizes an audio sound-system design with smaller size and lower weight than traditional Class-AB
solutions.
The core design blocks are as follows:
• Serial audio port
• Clock management
• High-pass filter and volume control
• Pulse width modulator (PWM) with output stage feedback
• Gate drive
• Power FETs
• Diagnostics
• Protection
• Power supply
• I2C serial communication bus
9.2 Functional Block Diagram
www.ti.com
TAS6424E-Q1
SLOSE73 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TAS6424E-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com