Electronic Components Datasheet Search
  English  ▼

X  

TAS6424-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS6424-Q1
Description  TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS6424-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS6424-Q1 Datasheet HTML 9Page - Texas Instruments TAS6424-Q1 Datasheet HTML 10Page - Texas Instruments TAS6424-Q1 Datasheet HTML 11Page - Texas Instruments TAS6424-Q1 Datasheet HTML 12Page - Texas Instruments TAS6424-Q1 Datasheet HTML 13Page - Texas Instruments TAS6424-Q1 Datasheet HTML 14Page - Texas Instruments TAS6424-Q1 Datasheet HTML 15Page - Texas Instruments TAS6424-Q1 Datasheet HTML 16Page - Texas Instruments TAS6424-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
7.7 Typical Characteristics: Bridge-Tied Load (BTL) (continued)
TA = 25 °C, VVDD = 3.3 V, VBAT = PVDD = 14.4 V, RL = 4 Ω, fIN = 1 kHz, fs = 48 kHz, fSW = 2.1 MHz, Output Configuration:
BTL, AES17 filter, default I2C settings, LC filter: 3.3 μH - DFEG7030D-3R3M. See Figure 10-2 (unless otherwise noted).
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0.1
0.5
1
5
10
50 100 200
0.01
PVDD
PVDD + VBAT
4 Ω
TC = 75 °C
BTL
Figure 7-7. Efficiency vs Ouptut Power - 14.4 V - 4 Ω (Zoomed)
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100 110
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PVDD (Device only)
PVDD+VBAT (Device only)
PVDD+VBAT (Device + LC)
4 Ω
TC = 75 °C
BTL
Figure 7-8. Power Dissipation vs Output Power - 14.4 V - 4 Ω
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
180
200
PVDD
PVDD + VBAT
2 Ω
TC = 75 °C
BTL
Figure 7-9. Efficiency vs Output Power - 14.4 V - 2 Ω
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0.1
0.5
1
5
10
50 100 200
0.01
PVDD
PVDD + VBAT
2 Ω
TC = 75 °C
BTL
Figure 7-10. Efficiency vs Output Power - 14.4 V - 2 Ω (Zoomed)
Output Power (W)
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
120
140
160
180
PVDD (Device only)
PVDD+VBAT (Device only)
PVDD+VBAT (Device + LC)
2 Ω
TC = 75 °C
BTL
Figure 7-11. Power Dissipation vs Output Power - 14.4 V - 2 Ω
Supply Voltage (V)
4
6
8
10
12
14
16
18
20
22
24
0
10
20
30
40
50
60
70
80
90
100
BTL
Figure 7-12. PVDD Idle Current vs Supply Voltage
www.ti.com
TAS6424E-Q1
SLOSE73 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TAS6424E-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com