Electronic Components Datasheet Search
  English  ▼

X  

TAS6424-Q1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TAS6424-Q1
Description  TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS6424-Q1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS6424-Q1 Datasheet HTML 10Page - Texas Instruments TAS6424-Q1 Datasheet HTML 11Page - Texas Instruments TAS6424-Q1 Datasheet HTML 12Page - Texas Instruments TAS6424-Q1 Datasheet HTML 13Page - Texas Instruments TAS6424-Q1 Datasheet HTML 14Page - Texas Instruments TAS6424-Q1 Datasheet HTML 15Page - Texas Instruments TAS6424-Q1 Datasheet HTML 16Page - Texas Instruments TAS6424-Q1 Datasheet HTML 17Page - Texas Instruments TAS6424-Q1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
7.7 Typical Characteristics: Bridge-Tied Load (BTL) (continued)
TA = 25 °C, VVDD = 3.3 V, VBAT = PVDD = 14.4 V, RL = 4 Ω, fIN = 1 kHz, fs = 48 kHz, fSW = 2.1 MHz, Output Configuration:
BTL, AES17 filter, default I2C settings, LC filter: 3.3 μH - DFEG7030D-3R3M. See Figure 10-2 (unless otherwise noted).
Supply Voltage (V)
4
6
8
10
12
14
16
18
20
22
24
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
BTL
Figure 7-13. VBAT Idle Current vs Supply Voltage
Supply Voltage (V)
4
6
8
10
12
14
16
18
20
22
24
26
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
Gain Level 1
Gain Level 2
Gain Level 3
Gain Level 4
BTL
Figure 7-14. Noise vs Supply Voltage
Frequency(Hz)
-120
-100
-80
-60
-40
-20
0
20
100
1k
10k
20k
CH 1 to CH 2
CH 1 to CH 3
CH 1 to CH 4
BTL
Figure 7-15. Crosstalk vs Frequency
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
100
1k
10k
20k
PVDD
PO = 1 W
PVDD = 14.4 V + 1 VRMS
BTL
Figure 7-16. PSRR vs Frequency - PVDD Only
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
100
1k
10k
20k
VBAT
PO = 1 W
VBAT = 14.4 V + 1 VRMS
BTL
Figure 7-17. PSRR vs Frequency - VBAT Only
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
100
1k
10k
20k
PVDD+VBAT
PO = 1 W
PVDD = VBAT = 14.4 V + 1 VRMS
BTL
Figure 7-18. PSRR vs Frequency - PVDD + VBAT
TAS6424E-Q1
SLOSE73 – JUNE 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TAS6424E-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com