Electronic Components Datasheet Search
  English  ▼

X  

AD8316ARM Datasheet(PDF) 8 Page - Analog Devices

Part # AD8316ARM
Description  Dual Output GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8316ARM Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8316ARM Datasheet HTML 4Page - Analog Devices AD8316ARM Datasheet HTML 5Page - Analog Devices AD8316ARM Datasheet HTML 6Page - Analog Devices AD8316ARM Datasheet HTML 7Page - Analog Devices AD8316ARM Datasheet HTML 8Page - Analog Devices AD8316ARM Datasheet HTML 9Page - Analog Devices AD8316ARM Datasheet HTML 10Page - Analog Devices AD8316ARM Datasheet HTML 11Page - Analog Devices AD8316ARM Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. C
–8–
AD8316
GND
2V PER
VERTICAL
DIVISION
2 s PER HORIZONTAL DIVISION
GND
50mV PER
VERTICAL
DIVISION
CFLT = 220pF
CFLT = 68pF
VOUT
AVERAGING = 16 SAMPLES
VPOS/VENBL
250ns
RISE TIME
TPC 25. Power-On and Power-Off Response with
VSET Grounded, Rise/Fall Time = 250 ns
GND
2V PER
VERTICAL
DIVISION
2 s PER HORIZONTAL DIVISION
GND
50mV PER
VERTICAL
DIVISION
CFLT = 68pF
VOUT
CFLT = 220pF
1 s
RISE TIME
AVERAGING = 16 SAMPLES
VPOS/VENBL
TPC 26. Power-On and Power-Off Response with
VSET Grounded, Rise/Fall Time = 1
µs
RF OUT
H-P 8648B
SIGNAL
GENERATOR
0.1GHz
–60dBm
52.3
AD8316
OUT2
FLT2
VPOS
OUT1
COMM
FLT1
BSEL*
RFIN
ENBL
VSET
CFLT
CFLT
H-P 8110A
PULSE
GENERATOR
RL
1k
TEK 1103
PWR SUPPLY
TEK TDS3054
SCOPE
PULSE OUT
*BSEL HIGH
OUT1;
BSEL LOW
OUT2
AD811
TEK P6204
FET PROBE
732
49.9
TEK P6204
FET PROBE
TPC 27. Test Setup for Power-On and Power-Off
Response with VSET Grounded
GND
PULSED RF
INPUT
0.1GHz, –3dBm
100ns PER HORIZONTAL DIVISION
GND
VOUT
1V PER
VERTICAL
DIVISION
AVERAGING = 16 SAMPLES
TPC 28. Pulse Response Time, Full-Scale Amplitude
Change, Open Loop, CFLT = 0 pF
1V PER
VERTICAL
DIVISION
GND
PULSED RF
INPUT
0.1GHz, –3dBm
2 s PER HORIZONTAL DIVISION
GND
VOUT
AVERAGING = 16 SAMPLES
TPC 29. Pulse Response Time, Full-Scale Amplitude
Change, Open Loop, CFLT = 68 pF
RFOUT
H-P 8648B
SIGNAL
GENERATOR
0.1GHz
0dBm
52.3
3dB
PWR DIVIDER
PULSE MODE IN
10MHz REF OUT
AD8316
CFLT
CFLT
H-P 8110A
PULSE
GENERATOR
PULSE OUT
TRIG OUT
EXT TRIG
TEK P6204
FET PROBE
RL
1k
TEK 1103
PWR SUPPLY
TEK TDS3054
SCOPE
0.1 F
2.7V
BSEL HIGH
OUT1;
BSEL LOW
OUT2
TEK P6204
FET PROBE
2.7V
2.7V
0.4V
*
OUT2
FLT2
VPOS
OUT1
COMM
FLT1
BSEL*
RFIN
ENBL
VSET
TPC 30. Test Setup for Pulse Response Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com