Electronic Components Datasheet Search
  English  ▼

X  

AD8316ARM Datasheet(PDF) 14 Page - Analog Devices

Part # AD8316ARM
Description  Dual Output GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8316ARM Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8316ARM Datasheet HTML 10Page - Analog Devices AD8316ARM Datasheet HTML 11Page - Analog Devices AD8316ARM Datasheet HTML 12Page - Analog Devices AD8316ARM Datasheet HTML 13Page - Analog Devices AD8316ARM Datasheet HTML 14Page - Analog Devices AD8316ARM Datasheet HTML 15Page - Analog Devices AD8316ARM Datasheet HTML 16Page - Analog Devices AD8316ARM Datasheet HTML 17Page - Analog Devices AD8316ARM Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. C
–14–
AD8316
poles in the overall loop. A combination of main capacitor CFLT
shunted by a second capacitor and resistor in series will also be
useful in minimizing the settling time of the loop.
Mobile Handset Power Control Example
Figure 8 shows a complete power amplifier control circuit for a
dual-mode handset. The RF3108 (RF Micro Devices), dual-
input, trimode (GSM, DCS, PCS) PA is driven by a nominal
power level of 6 dBm at both inputs and has two gain control
lines. Some of the output power from the PA is coupled off
using a dual-band directional coupler (Murata part number
LDC15D190A0007A). This has a coupling factor of approxi-
mately 20 dB for the GSM band and 15 dB for DCS and an
insertion loss of 0.38 dB and 0.45 dB, respectively. Because the
RF3108 transmits a maximum power level of approximately
35 dBm for GSM and 32 dBm for DCS/PCS, additional attenua-
tion of 20 dB is required before the coupled signal is applied to
the AD8316. This results in peak input levels of –5 dBm (GSM)
and –3 dBm (DCS). While the AD8316 gives a linear response
for input levels up to +3 dBm, for highly temperature-stable
performance at maximum PA output power, the maximum
input level should be limited to approximately –3 dBm (see
TPC 3 and TPC 5). This does, however, reduce the sensitivity
of the circuit at the low end.
The operational setpoint voltage, in the range 250 mV to 1.4 V,
is applied to the VSET pin of the AD8316. This will typically be
supplied by a DAC. The desired output is selected by applying
a high or low signal to the BSEL pin (HI = OUT1, LO = OUT2).
The selected output directly drives the level control pin of the
power amplifier. In this case a minimum supply voltage of 2.9 V
is required and VOUT reaches a maximum value of approximately
2.6 V while delivering about 5 mA to the PA’s VAPC input. For
power amplifiers with lower VAPC input ranges, a corresponding
low power supply to the AD8316 can be used. For example, on
a 2.7 V supply, the voltage on OUT1/OUT2 can come to within
approximately 100 mV of the supply rail. This will depend, how-
ever, on the current draw (see TPC 19).
During initialization and completion of the transmit sequence,
VOUT should be held at its minimum level of 250 mV by keeping
VSET below 200 mV. In this example, VSET is supplied by an 8-bit
DAC that has an output range from 0 V to 2.55 V or 10 mV
per bit. This sets the control resolution of VSET to 0.4 dB/bit
(0.04 dB/mV
10 mV). If finer resolution is required, the
DAC’s output voltage can be scaled using two resistors as
shown. This converts the DAC’s maximum voltage of 2.55 V
down to 1.6 V and increases the control resolution to 0.25 dB/bit.
Two filter capacitors (CFLT1/CFLT2) must be used to stabilize
the loop for each band. The choice of CFLT will depend to a
large degree on the gain control dynamics of the power ampli-
fier, something that is frequently poorly characterized, so some
trial and error may be necessary. In this example, a 220 pF
capacitor is used. The user may want to add a resistor in series
with the filter capacitor. The resistor adds a zero to the control
loop and increases the phase margin, which helps to make the
step response of the circuit more stable when the slope of the
PA’s power control function is the steepest. In this example,
the two filter capacitors are equal values; however, this is not
a requirement.
A smaller filter capacitor can be used by inserting a series resis-
tor between VOUT and the control input of the PA. A series
resistor will work with the input impedance of the PA to create a
resistor divider and will reduce the loop gain. The size of the
resistor divider ratio depends upon the available output swing of
VOUT and the required control voltage on the PA. This tech-
nique can also be used to limit the control voltage in situations
where the PA cannot deliver the power level demanded by VOUT. Over-
drive of the control input of some PAs causes increased distortion.
RF3108
4.7 F
1 F
3.5V
GSM RF IN
+6dBm
DCS/PCS RF IN
+6dBm
GND
R6
(R5, R6 OPTIONAL)
(SEE TEXT)
8-BIT
RAMP DAC
0V 2.55V
R2
600
R3
1k
ENABLE
0V/+VS
R4
576
AD8316
OUT2
VPOS
OUT1
COMM
FLT1
RFIN
ENBL
VSET
1
2
3
4
10
9
8
7
FLT2
BSEL
56
CFLT2
220pF
+VS
2.7V TO 5.5V
C1
0.1 F
R5
54.9
R1
52.3
GSM/DCS
16.5dBm/19dBm
CFLT1
220pF
BAND SELECT
0V/+VS
GSM/(DCS/PCS)
(R2, R3 OPTIONAL)
(SEE TEXT)
5
2
6
3
4
8
LDC15D190A0007A
R7
49.9
7
1
GSM
RF OUTPUT
+35.5dBm MAX
TO
T/R SWITCH
21.5dB ATTENUATOR
PCS/DCS
RF OUTPUT
+33dBm MAX
R8
Figure 8. Dual-Mode (GSM/DCS) PA Control Example (Shown with AD8316 MSOP Pinout)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com