Electronic Components Datasheet Search
  English  ▼

X  

AD8316ARM Datasheet(PDF) 1 Page - Analog Devices

Part # AD8316ARM
Description  Dual Output GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8316ARM Datasheet(HTML) 1 Page - Analog Devices

  AD8316ARM Datasheet HTML 1Page - Analog Devices AD8316ARM Datasheet HTML 2Page - Analog Devices AD8316ARM Datasheet HTML 3Page - Analog Devices AD8316ARM Datasheet HTML 4Page - Analog Devices AD8316ARM Datasheet HTML 5Page - Analog Devices AD8316ARM Datasheet HTML 6Page - Analog Devices AD8316ARM Datasheet HTML 7Page - Analog Devices AD8316ARM Datasheet HTML 8Page - Analog Devices AD8316ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
AD8316
Dual Output
GSM PA Controller
FEATURES
Complete RF Detector/Controller Function
Selectable Dual Outputs
49 dB Range at 0.9 GHz (–47.6 dBm to +1.5 dBm re 50
)
Accurate Scaling from 0.1 GHz to 2.5 GHz
Temperature-Stable Linear-in-dB Response
Log Slope of 22 mV/dB
True Integration Function in Control Loop
Low Power: 23 mW at 2.7 V
Power-Down to 11
W
APPLICATIONS
Single-Band, Dual-Band, and Triband Mobile Handsets
(GSM, DCS, PCS, EDGE)
Wireless Terminal Devices
Transmitter Power Control
FUNCTIONAL BLOCK DIAGRAM
OUT2
OUT1
FLT1
VSET
FLT2
10dB
COMM
OFFSET
COMPENSATION
RFIN
DET
DET
DET
DET
DET
INTERCEPT
POSITIONING
LOW NOISE
GAIN BIAS
LOW NOISE
BAND GAP
REFERENCE
OUTPUT
ENABLE
DELAY
ENBL
VPOS
BSEL
HI-Z
1.35
HI-Z
V–I
10dB
10dB
10dB
1.35
GENERAL DESCRIPTION
The AD8316 is a complete, low cost subsystem for the precise
control of dual RF power amplifiers (PAs) operating in the
frequency range 0.1 GHz to 2.5 GHz and over a typical dynamic
range of 50 dB. The device is a dual-output version of the AD8315
and intended for use in dual-band or triband cellular handsets
and other battery-operated wireless devices where a separate
power control signal is required for each band. The logarithmic
amplifier technique provides a much wider measurement range
and better accuracy than is possible using controllers based on
diode detectors. In particular, multiband and multimode cellu-
lar designs can benefit from the temperature-stable (–30
°C to
+85
°C) operation over all cellular telephony frequencies.
Its high sensitivity allows control at low input signal levels, thus
reducing the amount of power that needs to be coupled to the
detector. The selected output, OUT1 or OUT2, has the voltage
range and current drive to directly connect to the gain control
pin of most handset power amplifiers; the deselected output is
pulled low to ensure that the inactive PA remains off. Each
output has a dedicated integrating filter capacitor that allows
separate control loop settings for each PA. OUT1 and OUT2 can
swing from 125 mV above ground to within 100 mV below the
supply voltage. Load currents of up to 12 mA can be supported.
The setpoint control input applied to pin VSET has an operating
range of 0.25 V to 1.4 V. The input resistance of the setpoint
interface is over 100 M
Ω, and the bias current is typically 0.5 µA.
The AD8316 is available in 10-lead MSOP and 16-lead LFCSP
packages and consumes 8.5 mA from a 2.7 V to 5.5 V supply.
When it is powered down, the sleep current is 4
µA.


Similar Part No. - AD8316ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD831 AD-AD831 Datasheet
225Kb / 16P
Low Distortion Mixer
REV.B
AD831 AD-AD831 Datasheet
436Kb / 16P
Low Distortion Mixer
REV. C
AD8310 AD-AD8310 Datasheet
606Kb / 24P
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
10/04-Data Sheet Changed from Rev. C to Rev. D
AD8310 AD-AD8310 Datasheet
530Kb / 24P
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
6/05-Rev. D to Rev. E
AD8310 AD-AD8310 Datasheet
426Kb / 24P
Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. F
More results

Similar Description - AD8316ARM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV248 NSC-LMV248 Datasheet
289Kb / 11P
Dual Band GSM Power Controller
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
50 dB GSM PA Controller
1/03-Data Sheet changed from REV. 0 to REV. B.
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Analog Devices
AD8311 AD-AD8311 Datasheet
734Kb / 24P
50 dB GSM PA Controller
6/05-Revision 0
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
50 dB GSM PA Controller
6/06-Rev. B to Rev. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
GSM Telemetry Controller
logo
Analog Devices
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
50 dB GSM PA Controller
REV. C
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Analog Devices
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
50 dB GSM PA Controller
Aug-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com