Electronic Components Datasheet Search
  English  ▼

X  

AD8316ARM Datasheet(PDF) 17 Page - Analog Devices

Part # AD8316ARM
Description  Dual Output GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8316ARM Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8316ARM Datasheet HTML 12Page - Analog Devices AD8316ARM Datasheet HTML 13Page - Analog Devices AD8316ARM Datasheet HTML 14Page - Analog Devices AD8316ARM Datasheet HTML 15Page - Analog Devices AD8316ARM Datasheet HTML 16Page - Analog Devices AD8316ARM Datasheet HTML 17Page - Analog Devices AD8316ARM Datasheet HTML 18Page - Analog Devices AD8316ARM Datasheet HTML 19Page - Analog Devices AD8316ARM Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. C
AD8316
–17–
Table II. Evaluation Board Configuration Options
Component
Function
Default Condition
TP1, TP2
Supply and Ground Vector Pins.
Not Applicable
SW1
Device Enable. When in Position A, the ENBL pin is connected to VPOS and
SW1 = A
the AD8316 is in operating mode. In Position B, the ENBL pin is grounded,
putting the device into power-down mode.
SW2
Band Select. When in Position A (OUT1), the BSEL pin is connected to VPOS
SW2 = OUT1
and the AD8316 OUT1 is in operation mode. In Position B (OUT2), the
BSEL pin is grounded and the AD8316 OUT2 is in operation while OUT1 pin
is shut down.
R1, R2
Input Interface. The 52.3
Ω resistor in Position R2 combines with the AD8316’s
R2 = 52.3
Ω (Size 0603)
internal input impedance to provide a broadband input impedance of around
R1 = 0
Ω (Size 0402)
50
Ω. A reactive match can be implemented by replacing R2 with an inductor
and R1 (0
Ω) with a capacitor. In addition, the RF microstrip line has been
provided with a clean mask ground plane to provide additional matching. Note
that the AD8316’s RF input is internally ac-coupled.
R3, R4, R12,
Output Interface. R4 and C2, R9 and C7 can be used to check the response
R4 = C2 = Open (Size 0603)
R9, C2, C7
capacitive and resistive loading, respectively. R3/R4 and R12/R9 can be used to
R9 = C7 = Open (Size 0603)
reduce the slope of OUT1 and OUT2.
R3 = R12 = 0
Ω (Size 0603)
C1, C5
Power Supply Decoupling. The nominal supply decoupling consists of
C1 = C5 = 0.1
µF (Size 0603)
a 0.1
µF capacitor.
C4, C6, R10,
Filter Capacitors/Resistors. The response time of OUT1, OUT2 can be modified
C4 = C6 = Open (Size 0603)
R11
by placing the capacitors between FLT1, FLT2 and resistors R10, R11
R10 = R11 = Open (Size 0603)
to ground.
LK1, LK2
Measurement Mode. A quasi-measurement mode can be implemented by
LK1, LK2 = Installed
installing LK1 and LK2 (connecting an inverted OUT1 or OUT2 to VSET) to
yield the nominal relationship between RFIN and VSET. In this mode, a large
capacitor (0.01
µF or greater) must be installed in C4 and C6 and a 0 Ω
resistors to ground in R10 and R11. To select OUT1 or OUT2, SW3 must
be in the OUT1 position or the OUT2 position, respectively.
SW3
Measurement Mode Output Select. When in measurement mode, output 1
SW3 = OUT1
or output 2 can be selected by positioning SW3 to the OUT1 position or the
OUT2 position, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com