Electronic Components Datasheet Search
  English  ▼

X  

VSC834 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC834
Description  2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC834 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC834 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC834
2.5Gb/s 17x17 Crosspoint Switch
with Input Signal Activity (ISA) Monitoring
G52247-0, Rev 4.2
Page 5
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
AC Characteristics
Table 3: Data Path
Note: Unless otherwise stated, all specifications are guaranteed but not tested.
Note 1: Skew between any two input channels to a given output.
Note 2: Skew between any two output channels from the same input channel.
Note 3: Required for high-speed output rise/fall spec at FRATE=2.5 Gbits/s. For lower rate signals, use 0.375/FRATE
Note 4: Broadband jitter added to a jitter-free signal; jitter is primarily in the form of ISI for random data
Figure 2: Interrupt Timing (Change in Monitor State Registers)
Figure 3: Interrupt Timing (No Change in Monitor State Registers)
Parameter
Description
Min
Typ
Max
Units
FRATE
Data rate
-
-
2.5
Gb/s
TISKW
Input channel delay skew (1)
-
300
-
ps
TOSKW
Output channel delay skew (2)
-
300
-
ps
tR, tF
High-speed input rise/fall times, 20% to 80% (3)
-
-
150
ps
tR, tF
High-speed output rise/fall times, 20% to 80%
-
-
150
ps
tjP
Output data eye jitter, peak-peak, 223 PRBS (4)
-
-
100
ps
MONCLK
Monitor State
Monitor State Reg
INTB
CSB
RDB
ADDR[5:0]
DATA[4:0]
T
sRDB
T
hRDB
T
tsDATA
MONCLK
Monitor State
Monitor State Reg
INTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com