Electronic Components Datasheet Search
  English  ▼

X  

VSC834 Datasheet(PDF) 14 Page - Vitesse Semiconductor Corporation

Part # VSC834
Description  2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC834 Datasheet(HTML) 14 Page - Vitesse Semiconductor Corporation

Back Button VSC834 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 16Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC834
2.5Gb/s 17x17 Crosspoint Switch
with Input Signal Activity (ISA) Monitoring
Page 14
G52247-0, Rev 4.2
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
VEE
A8, A9, B6, B10, B11, B13, B14, C15,
D6, D15, F18, M19, R3, U5, U6, U9, V9,
V15, W10, W11, W13, W14, W15
Power
GND
VEE
H19
Power for output channels 0, 2
GND
VEE
G2
Power for output channels 1, 3
GND
VEE
J19
Power for output channels 4, 6
GND
VEE
J2
Power for output channels 5, 7
GND
VEE
N19
Power for output channels 8, 10
GND
VEE
M2
Power for output channels 9, 11
GND
VEE
P19
Power for output channels 12, 14
GND
VEE
N2
Power for output channels 13, 15
GND
VEE
R19
Power for output channel 16
GND
VTERM
B9, B12, F17, W9, W12
Termination power
+2.0V
Miscellaneous
VCOML
U15
Slicing level for Y0 - YN16 (even)
ANALOG
VCOMR
V5
Slicing level for Y1 - YN15 (odd)
ANALOG
VHYS
V6
Loss of activity hysterisis threshold
ANALOG
Table 9: Pin Identification
Signal
Name
Pin
Function
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com