Electronic Components Datasheet Search
  English  ▼

X  

VSC834 Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC834
Description  2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC834 Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC834 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 14Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC834
2.5Gb/s 17x17 Crosspoint Switch
with Input Signal Activity (ISA) Monitoring
Page 10
G52247-0, Rev 4.2
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Pin Descriptions
The VSC834 is packaged in a 27x27mm 256 pin ball grid array package. The 256 BGA package is ther-
mally enhanced and carries the high-speed signals over controlled impedance lines from the solder ball to the
circuit die. The following sections describe the pinout and mechanical details of the VSC834.
Figure 5: Functional Pinout Floorplan
I/P LOA and Termination
Control Logic
Control Logic
17:1 Switch Slice Pair
17:1 Switch Slice Pair
17:1 Switch Slice Pair
17:1 Switch Slice Pair
17:1 Switch Slice Pair
17:1 Switch Slice Pair
I/P LOA and Termination
Y0
Y2
Y1
Y3
Y15
A1 A3 A5
A0 A2 A4
A16
A15
Programming
Interface
Programming
Interface
Y16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com