Electronic Components Datasheet Search
  English  ▼

X  

VSC834 Datasheet(PDF) 6 Page - Vitesse Semiconductor Corporation

Part # VSC834
Description  2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC834 Datasheet(HTML) 6 Page - Vitesse Semiconductor Corporation

Back Button VSC834 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 10Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC834
2.5Gb/s 17x17 Crosspoint Switch
with Input Signal Activity (ISA) Monitoring
Page 6
G52247-0, Rev 4.2
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 4: Program Timing
Table 4: Programing Port Interface Timing
Note 1: Measured from falling edge.
Note 2: Measured from rising edge.
Parameter
Description
Min
Max
Units
Tconfig
Switch configuration delay
-
6
ns
TpdADDR
Data read propagation delay from ADDR
-
30
ns
TpdRDB
Data read propagation delay from RDB (1)
-
7
ns
Tpdint
Interrupt propagation delay from MONCLK (2)
-
50
ns
Tpdstate
MONCLK to internal state register change delay (2)
-
6
ns
TsRDB
ADDR to RDB setup time
5
-
ns
ThRDB
RDB to ADDR hold time
3
-
ns
TsWRB
WRB setup time (for either ADDR or DATA)
5
-
ns
ThWRB
WRB hold time (for either ADDR or DATA)
3
-
ns
TsCONFIG
WRB to CONFIG setup time
1
-
ns
TsCSB
CSB setup time (to either WRB or RDB)
0
-
ns
TpwCONFIG
CONFIG pulse width (high)
10
-
ns
TpwWRB
WRB pulse width (low and high)
10
-
ns
TpwRDB
RDB pulse width (low and high)
10
-
ns
TtsDATA
DATA tri-state delay (from either RDB or CSB) (2)
-
10
ns
TsALE
ALE setup time (for multiplexed ADDR/DATA bus)
5
-
ns
ADDR[5:0]
DATA[4:0]
CSB
WRB
RDB
CONFIG
T
sCSB
T
sWRB
T
hWRB
T
sCONFIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com