Electronic Components Datasheet Search
  English  ▼

X  

VSC834 Datasheet(PDF) 15 Page - Vitesse Semiconductor Corporation

Part # VSC834
Description  2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC834 Datasheet(HTML) 15 Page - Vitesse Semiconductor Corporation

Back Button VSC834 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 16Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC834
2.5Gb/s 17x17 Crosspoint Switch
with Input Signal Activity (ISA) Monitoring
G52247-0, Rev 4.2
Page 15
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Information
27mm 256 BGA Package Drawing
DIMENSIONAL REFERENCES
REF.
MIN.
NOM.
MAX.
A
A1
D
D1
E
E1
M
b
c
aaa
e
1.95
26.80
27.00
27.20
24.13 (BSC.)
20
0.85
1.25
0.25
1.27 TYP.
N
256
ccc
0.25
1.80
1.65
0.75
1.15
0.65
1.05
0.60
0.65
0.70
26.80
27.00
27.20
24.13 (BSC.)
0.15
P
g
0.40
F
0.50
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. "e" REPRESENTS THE BASIC SOLDER BALL GRID PITCH.
3. "M" REPRESENTS THE BASIC SOLDER BALL MATRIX SIZE,
AND SYMBOL "N" IS THE MAXIMUM ALLOWABLE NUMBER OF
4. "b" IS MEASURED AT THE MAXIMUM SOLDER BALL DIAMETER
PARALLEL TO PRIMARY DATUM -C- .
DIMENSION "aaa" IS MEASURED PARALLEL TO PRIMARY DATUM -C- .
6. PRIMARY DATUM -C- AND SEATING PLANE ARE DEFINED BY THE
SPHERICAL CROWNS OF THE SOLDER BALLS.
5.
BALLS AFTER DEPOPULATING.
9. SUBSTRATE MATERIAL BASE IS COPPER.
7. PACKAGE SURFACE SHALL BE BLACK OXIDE.
8. CAVITY DEPTH VARIOUS WITH DIE THICKNESS
11. 45 DEG 0.5 mm CHAMFER CORNER AND WHITE DOT FOR PIN 1 IDENTIFICATION.
10. BILATERAL TOLENANCE ZONE IS APPLIED TO EACH SIDE OF PACKAGE BODY
12. DIMENSION F IS THE MAX. ENCAP. HEIGHT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
DETAIL B
BOTTOM VIEW
D1
E1
10
-A-
0.10
-B-
TOP VIEW
11
D
E
(4 PLCS)
CORNER
45 DEGREE 0.5MM CHAMFER
c
A1
aaa C
-C-
5
6
A
P
ccc
//
C
F
4
DETAIL B
b
g
g
e
e
0.10 S C
0.30 S C A S B S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com