Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCVL4A Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PIMXRT406LCVL4A
Description  i.MX RT1020 Crossover Processors for Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCVL4A Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PIMXRT406LCVL4A Datasheet HTML 13Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 14Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 15Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 16Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 17Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 18Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 19Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 20Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
Electrical characteristics
i.MX RT1020 Crossover Processors for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
17
4
Electrical characteristics
This section provides the device and module-level electrical characteristics for the i.MX RT1020
processors.
4.1
Chip-level conditions
This section provides the device-level electrical characteristics for the IC. See Table 7 for a quick reference
to the individual tables and sections.
4.1.1
Absolute maximum ratings
CAUTION
Stress beyond those listed under Table 8 may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any other conditions beyond those indicated
under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
Table 8 shows the absolute maximum operating ratings.
Table 7. i.MX RT1020 chip-Level conditions
For these characteristics
Topic appears
Absolute maximum ratings
on page 17
Thermal resistance
on page 18
Operating ranges
on page 19
External clock sources
on page 21
Maximum supply currents
on page 22
Low power mode supply currents
on page 23
USB PHY current consumption
on page 23
Table 8. Absolute maximum ratings
Parameter Description
Symbol
Min
Max
Unit
Core supplies input voltage
VDD_SOC_IN
-0.3
1.6
V
VDD_HIGH_IN supply voltage
VDD_HIGH_IN
-0.3
3.7
V
Power for DCDC
DCDC_IN
-0.3
3.6
V
Supply input voltage to Secure Non-Volatile Storage
and Real Time Clock
VDD_SNVS_IN
-0.3
3.6
V
USB VBUS supply
USB_OTG1_VBUS
—
5.5
V
Supply for 12-bit ADC
VDDA_ADC
3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com