Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCVL4A Datasheet(PDF) 96 Page - NXP Semiconductors

Part # PIMXRT406LCVL4A
Description  i.MX RT1020 Crossover Processors for Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCVL4A Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button PIMXRT406LCVL4A Datasheet HTML 92Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 93Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 94Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 95Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 96Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 97Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 98Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 99Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 100Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
i.MX RT1020 Crossover Processors for Industrial Products, Rev. 2, 03/2021
96
NXP Semiconductors
Revision history
7
Revision history
Table 86 provides a revision history for this data sheet.
Table 86. i.MX RT1020 data sheet document revision history
Rev.
Number
Date
Substantive Change(s)
Rev. 2
03/2021
• Updated the M7 core, external memory, and ADC descriptions in the Section 1.1, Features
• Updated the Figure 1, "Part number nomenclature—i.MX RT10XX family"
• Updated the baud rates of LPUART and frequency of RTC OSC in the Table 3 i.MX RT1020 modules
list
• Updated the remarks of TEST_MODE in the Table 4, Special signal considerations
• Added system and bus frequencies in the Table 11, Operating ranges; updated the junction
temperature descriptions in the Table 11, Operating ranges
• Updated the test conditions and max current of DCDC_IN in the Table 13, Maximum supply currents
• Added a note in the Section 4.2.1.1, Power-up sequence
• Updated the value of reference clock in the Table 18, Ethernet PLL’s electrical parameters
• Added the high-level and low level output current in the Table 22, Single voltage GPIO DC parameters
• Updated the frequency of operation and internal clock period in the Table 31, SEMC output timing in
ASYNC mode
• Updated the frequency of operation and internal clock period in the Table 32, SEMC output timing in
SYNC mode
• Added a footnote for GPIO_EMC_04 in the Table 83, 20 x 20 mm functional contact assignments and
Table 85, 14 x 14 mm functional contact assignments
Rev. 1
04/2019
• Added analog descriptions in the Section 1.1, Features
• Added ADC channel number in the Table 1, The comparison between 100 LQFP and 144 LQFP
package
• Updated the RT website link in the Section 1.2, Ordering information
• Updated the ADC descriptions in the Figure 2, "i.MX RT1020 system block diagram"
• Updated the RAM size, SNVS descriptions, and USB descriptions in the Table 3, i.MX RT1020
modules list
• Updated the on-chip termination values of JTAG_TCK and JTAG_MOD in the Table 5, JTAG controller
interface summary
• Updated the maximum values of VDD_SOC_IN in the Table 8, Absolute maximum ratings
• Removed the USB_OTG2_VBUS from the Table 8, Absolute maximum ratings, Table 11, Operating
ranges, and Section 4.2.1.1, Power-up sequence
• Changed 528 MHz PLL to System PLL in the Table 17, System PLL’s electrical parameters
• Changed 480 MHz PLL to USB PLL in the Table 19, USB PLL’s electrical parameters
• Updated the Section 4.8.1, LPSPI timing parameters
• Added the Figure 32, "Minimum Sample Time Vs Ras (Cas = 2pF)", Figure 33, "Minimum Sample
Time Vs Ras (Cas = 5 pF)", and Figure 34, "Minimum Sample Time Vs Ras (Cas = 10 pF)" in the
Section 4.7.2, A/D converter
Rev. 0.1
07/2018
• Updated the Table 14, Low power mode current and power consumption
• Added the Section 4.4.4, Debug trace timing specifications
Rev. 0
06/2018
• Initial version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com