Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCVL4A Datasheet(PDF) 91 Page - NXP Semiconductors

Part # PIMXRT406LCVL4A
Description  i.MX RT1020 Crossover Processors for Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCVL4A Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button PIMXRT406LCVL4A Datasheet HTML 87Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 88Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 89Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 90Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 91Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 92Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 93Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 94Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
Package information and contact assignments
i.MX RT1020 Crossover Processors for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
91
6.2.2
14 x 14 mm supplies contact assignments and functional contact
assignments
Table 84 shows the device connection list for ground, sense, and reference contact signals.
Table 85 shows an alpha-sorted list of functional contact assignments for the 14 x 14 mm package.
Table 84. 14 x 14 mm supplies contact assignment
Supply Rail Name
Pin(s) Position(s)
Remark
DCDC_IN
23
—
DCDC_IN_Q
27
—
DCDC_GND
24
—
DCDC_LP
25
—
DCDC_PSWITCH
26
—
NVCC_GPIO
5, 20, 58, 71, 80, 95
—
NGND_KEL0
43
—
NVCC_PLL
50
—
VDD_HIGH_CAP
44
—
VDD_HIGH_IN
48
—
VDD_SNVS_CAP
35
—
VDD_SNVS_IN
34
—
VDD_SOC_IN
18, 28, 69, 81, 91
—
VDD_USB_CAP
40
—
VDDA_ADC_3P3
51
—
VSS
19, 29, 39, 49, 59, 70, 79, 92
—
Table 85. 14 x 14 mm functional contact assignments
Pin Name
14 x 14
Pin
Power
Group
Pin
Type
Default Setting
Default
Mode
Default
Function
Input/
Output
Value
GPIO_AD_B0_00
78
NVCC_GPIO
Digital
GPIO
ALT0
jtag_mux.TMS
Input
47 K PU
GPIO_AD_B0_01
77
NVCC_GPIO
Digital
GPIO
ALT0
jtag_mux.TCK
Input
100 K PD
GPIO_AD_B0_02
76
NVCC_GPIO
Digital
GPIO
ALT0
jtag_mux.MOD
Input
100 K PD
GPIO_AD_B0_03
75
NVCC_GPIO
Digital
GPIO
ALT0
jtag_mux.TDI
Input
47 K PU
GPIO_AD_B0_04
74
NVCC_GPIO
Digital
GPIO
ALT0
jtag_mux.TDO
Input
Keeper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com