Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCVL4A Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PIMXRT406LCVL4A
Description  i.MX RT1020 Crossover Processors for Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCVL4A Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PIMXRT406LCVL4A Datasheet HTML 8Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 9Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 10Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 11Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 12Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 13Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 14Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 15Page - NXP Semiconductors PIMXRT406LCVL4A Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
i.MX RT1020 Crossover Processors for Industrial Products, Rev. 2, 03/2021
12
NXP Semiconductors
Modules list
LPSPI1
LPSPI2
LPSPI3
LPSPI4
Low Power Serial
Peripheral Interface
Connectivity and
Communications
The LPSPI is a low power Serial Peripheral Interface
(SPI) module that support an efficient interface to an
SPI bus as a master and/or a slave.
• It can continue operating while the chip is in stop
modes, if an appropriate clock is available
• Designed for low CPU overhead, with DMA off
loading of FIFO register access
LPUART1
LPUART2
LPUART3
LPUART4
LPUART5
LPUART6
LPUART7
LPUART8
UART Interface
Connectivity
Peripherals
Each of the UART modules support the following serial
data transmit/receive protocols and configurations:
• 7- or 8-bit data words, 1 or 2 stop bits, programmable
parity (even, odd or none)
• Programmable baud rates up to 20 Mbps.
MQS
Medium Quality Sound
Multimedia
Peripherals
MQS is used to generate 2-channel medium quality
PWM-like audio via two standard digital GPIO pins.
QuadTimer1
QuadTimer2
QuadTimer
Timer Peripherals
The quad-timer provides four time channels with a
variety of controls affecting both individual and
multi-channel features.Specific features include
up/down count, cascading of counters, programmable
module, count once/repeated, counter preload,
compare registers with preload, shared use of input
signals, prescaler controls, independent
capture/compare, fault input control, programmable
input filters, and multi-channel synchronization.
ROMCP
ROM Controller with
Patch
Memories and
Memory Controllers
The ROMCP acts as an interface between the Arm
advanced high-performance bus and the ROM. The
on-chip ROM is only used by the Cortex-M7 core during
boot up. Size of the ROM is 96 KB.
RTC OSC
Real Time Clock
Oscillator
Clock Sources and
Control
The RTC OSC provides the clock source for the
Real-Time Clock module. The RTC OSC module, in
conjunction with an external crystal, generates a 32.768
kHz reference clock for the RTC.
RTWDOG
Watch Dog
Timer Peripherals
The RTWDG module is a high reliability independent
timer that is available for system to use. It provides a
safety feature to ensure software is executing as
planned and the CPU is not stuck in an infinite loop or
executing unintended code. If the WDOG module is not
serviced (refreshed) within a certain period, it resets the
MCU. Windowed refresh mode is supported as well.
SAI1
SAI2
SAI3
Synchronous Audio
Interface
Multimedia
Peripherals
The SAI module provides a synchronous audio
interface (SAI) that supports full duplex serial interfaces
with frame synchronization, such as I2S, AC97, TDM,
and codec/DSP interfaces.
SA-TRNG
Standalone True Random
Number Generator
Security
The SA-TRNG is hardware accelerator that generates
a 512-bit entropy as needed by an entropy consuming
module or by other post processing functions.
Table 3. i.MX RT1020 modules list (continued)
Block mnemonic
Block name
Subsystem
Brief description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com