Electronic Components Datasheet Search
  English  ▼

X  

MCP3464R Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3464R
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464R Datasheet(HTML) 3 Page - Microchip Technology

  MCP3464R Datasheet HTML 1Page - Microchip Technology MCP3464R Datasheet HTML 2Page - Microchip Technology MCP3464R Datasheet HTML 3Page - Microchip Technology MCP3464R Datasheet HTML 4Page - Microchip Technology MCP3464R Datasheet HTML 5Page - Microchip Technology MCP3464R Datasheet HTML 6Page - Microchip Technology MCP3464R Datasheet HTML 7Page - Microchip Technology MCP3464R Datasheet HTML 8Page - Microchip Technology MCP3464R Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 118 page
background image
 2020-2021 Microchip Technology Inc.
DS20006404C-page 3
MCP3461/2/4R
Package Types – 20-Lead TSSOP
A. MCP3461R: Single Channel Device
1
2
3
4
5
20
19
18
17
16
CH0
CH1
DGND
MCLK
AVDD
REFIN-
NC
REFIN+/OUT
DVDD
B. MCP3462R: Dual Channel Device
C. MCP3464R: Quad Channel Device
6
7
8
9
10
NC
NC
NC
NC
15
14
13
12
11
SCK
CS
SDO
SDI
IRQ/MDAT
AGND
NC
1
2
3
4
5
20
19
18
17
16
CH0
CH1
DGND
MCLK
AVDD
REFIN-
CH2
REFIN+/OUT
DVDD
6
7
8
9
10
NC
NC
CH3
NC
15
14
13
12
11
SCK
CS
SDO
SDI
IRQ/MDAT
AGND
NC
1
2
3
4
5
20
19
18
17
16
CH0
CH1
DGND
MCLK
AVDD
REFIN-
CH2
REFIN+/OUT
DVDD
6
7
8
9
10
CH5
CH6
CH3
CH4
15
14
13
12
11
SCK
CS
SDO
SDI
IRQ/MDAT
AGND
CH7
Package Type for All Devices: 20-Lead TSSOP (6.5 mm x 4.4 mm x 1 mm)
Note:
The NC is a Not Connected pin. It is recommended for the NC pin to be tied to AGND for a better
susceptibility to electromagnetic fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com