Electronic Components Datasheet Search
  English  ▼

X  

MCP3464R Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP3464R
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464R Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP3464R Datasheet HTML 40Page - Microchip Technology MCP3464R Datasheet HTML 41Page - Microchip Technology MCP3464R Datasheet HTML 42Page - Microchip Technology MCP3464R Datasheet HTML 43Page - Microchip Technology MCP3464R Datasheet HTML 44Page - Microchip Technology MCP3464R Datasheet HTML 45Page - Microchip Technology MCP3464R Datasheet HTML 46Page - Microchip Technology MCP3464R Datasheet HTML 47Page - Microchip Technology MCP3464R Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 118 page
background image
MCP3461/2/4R
DS20006404C-page 44
 2020-2021 Microchip Technology Inc.
5.5
Digital Decimation Filter
The decimation filter decimates the output bit stream of
the modulator to produce 16-bit ADC output data. The
decimation filter present in the device is a cascade of
two filters: a third-order sinc filter with a decimation
ratio of OSR3 (third-order moving an average of
3x OSR3 values), followed by a first-order sinc filter
with a decimation ratio of OSR1, moving an average of
OSR values (third-order moving average of 3 x OSR3
values).
Figure 5-4 represents the decimation filter architecture.
FIGURE 5-4:
Decimation Filter Block
Diagram.
The following equation is the transfer function of the
decimation filter:
EQUATION 5-3:
FILTER TRANSFER
FUNCTION
The resolution (number of possible output codes
expressed in powers of two or in bits) of the digital
filter is 16-bit maximum for any OSR = OSR3 x OSR1
and data format choice. The resolution only depends
on the OSR through the OSR[3:0] bits setting in the
CONFIG1 register per Table 5-6. Once the OSR is
chosen, the resolution is fixed and the output code of
the ADC is encoded with the data format defined by
the DATA_FORMAT[1:0] bits setting in the CONFIG3
register.
The transfer function of this filter has a unity gain at
each multiple of DMCLK. A proper anti-aliasing filter
must be placed at the ADC inputs. This will attenuate
the frequency contents around each multiple of
DMCLK and keep the desired accuracy over the base-
band of the converter. This anti-aliasing filter can be a
simple first-order RC network with low time constant to
provide a high rejection at DMCLK frequency.
The conversion time is a function of the OSR settings
and the DMCLK frequency.
EQUATION 5-4:
CONVERSION TIME FOR
OSR = OSR3 x OSR1
In One-Shot mode, each conversion is launched
individually, so the maximum data rate is effectively
1/TCONV if each conversion is launched with no delay.
The digital filter is reset in between each conversion.
However, due to the nature of the digital filter (which
memorizes the sum of the incoming bit stream), the
data rate at the filter output can be maximized if the
filter is never reset. Because of the internal resampling
of the digital filter, the output data rate can be equal to
DMCLK/OSR = DRCLK; this is the case in Continuous
mode. In this case, the first conversion still happens in
the TCONV time, as this is the settling time of the filter.
The subsequent conversions are pipelined and give
their output at a data rate of DRCLK. The Continuous
Conversion mode can optimize the data rate, while
consuming the same power as One-Shot mode, which
is advantageous in applications that require a continu-
ous sampling of the analog inputs. The Continuous
mode is not compatible with multiplexing the inputs
(see Section 5.15 “Scan Mode” for more details
about the Conversion mode settings in MUX and Scan
modes).
Figure 5-5 shows the fundamental difference between
One-Shot mode and Continuous mode in a simplified
diagram.
Modulator
Output
(Thermometer
Coding)
SINC
3
SINC
1
Decimation
Filter
Output
OSR3
OSR1
4
ADC
Resolution
Decimation Filter
OSR1 = 1
Hz

1z
-OSR3
–


3
OSR3 1z 1
–
–

3
--------------------------------------------
1z
-OSR1 OSR3
–


OSR
1
1z
OSR3
–
–


------------------------------------------------------
=
Where:
z
2
fj
DMCLK
----------------------


exp
=
TCONV
3OSR3

OSR1 1
–
 OSR
3
+
 DMCLK
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com