Electronic Components Datasheet Search
  English  ▼

X  

MCP3464R Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP3464R
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464R Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP3464R Datasheet HTML 52Page - Microchip Technology MCP3464R Datasheet HTML 53Page - Microchip Technology MCP3464R Datasheet HTML 54Page - Microchip Technology MCP3464R Datasheet HTML 55Page - Microchip Technology MCP3464R Datasheet HTML 56Page - Microchip Technology MCP3464R Datasheet HTML 57Page - Microchip Technology MCP3464R Datasheet HTML 58Page - Microchip Technology MCP3464R Datasheet HTML 59Page - Microchip Technology MCP3464R Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 118 page
background image
MCP3461/2/4R
DS20006404C-page 56
 2020-2021 Microchip Technology Inc.
FIGURE 5-11:
ADC Start-up Timer Timing Diagram.
5.12
Master Clock Selection/Internal
Oscillator
The device includes three possible clock modes for the
master clock generation. The Master Clock (MCLK) is
used by the ADC to perform conversions and is also used
by the digital portion to generate the different digital
timers. The clock mode selection is made through the
CLK_SEL[1:0] bits located in the CONFIG0 register. The
possible selections are described in Table 5-13.
The master clock is not propagated in the chip when the
chip enters the Full Shutdown mode (see Section 5.10
“Low-Power Shutdown Modes”). Any change to the
CLK_SEL bits creates a Reset and Restart for the
currently running conversions, and a Restart of the ADC
setup timer. Each Reset and Restart resets all internal
phases to their default values and can lead to a possible
temporary duty cycle change at the clock output pin.
TABLE 5-13:
CLOCK SELECTION BITS
5.12.1
EXTERNAL MASTER CLOCK MODE
(CLK_SEL[1:0] = 0x)
The External Clock mode is used to input the MCLK
clock necessary for the ADC conversions and can
accept duty cycles with a large range since the clock is
redivided internally to generate the different internal
phases.
The external clock can be provided on the MCLK pin for
the MCP3461/2/4R devices.
5.12.2
INTERNAL OSCILLATOR
The device includes an internal RC-type oscillator
powered by the digital power supply (DVDD/DGND). The
frequency of this internal oscillator ranges from
3.3 MHz to 6.6 MHz. The oscillator is not trimmed in
production, therefore, the precision of the center
frequency is approximately ±30% from chip to chip.
The duty cycle of the internal oscillator is centered
around 50% and varies very slightly from chip to chip.
The internal oscillator has no Reset feature and keeps
running once selected.
ADC Start-up
Timer Decimal
Code
ADC_MODE
DMCLK
0x
1x
256
Continuous Clocking
1x
0
0x
Switching Between ADC_MODE = 10 and 11
has no Effect on the Timer
Timer Reset
ADC Ready to Convert
SPI
Write
ADC_M ODE = 1x
1X
Write
AD C_M ODE = 0x
Wri te
ADC _M ODE = 1x
Write
ADC_M ODE = 1x
Timer Reset
Timer
Countdown
CLK_SEL[1:0]
Clock Mode
MCLK Pin
00 or 01
External Clock
MCLK digital input
10
Internal RC
Oscillator,
no clock output
High-Z
11
Internal RC
Oscillator with
clock output
AMCLK digital
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com