Electronic Components Datasheet Search
  English  ▼

X  

MCP3464R Datasheet(PDF) 67 Page - Microchip Technology

Part # MCP3464R
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464R Datasheet(HTML) 67 Page - Microchip Technology

Back Button MCP3464R Datasheet HTML 63Page - Microchip Technology MCP3464R Datasheet HTML 64Page - Microchip Technology MCP3464R Datasheet HTML 65Page - Microchip Technology MCP3464R Datasheet HTML 66Page - Microchip Technology MCP3464R Datasheet HTML 67Page - Microchip Technology MCP3464R Datasheet HTML 68Page - Microchip Technology MCP3464R Datasheet HTML 69Page - Microchip Technology MCP3464R Datasheet HTML 70Page - Microchip Technology MCP3464R Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 118 page
background image
 2020-2021 Microchip Technology Inc.
DS20006404C-page 67
MCP3461/2/4R
6.0
SPI SERIAL INTERFACE AND
DEVICE OPERATION
6.1
Overview
The MCP3461/2/4R devices use an SPI interface to
read and write the internal registers. The device
includes a four-wire (CS, SCK, SDI, SDO) serial SPI
interface that is compatible with SPI Modes 0,0 and
1,1. Data are clocked out of the device on the falling
edge of SCK and data are clocked into the device on
the rising edge of SCK. In these modes, the SCK clock
can Idle either high (1,1) or low (0,0). The digital inter-
face is asynchronous with the MCLK clock that controls
the ADC sampling and digital filtering. All digital input
pins are Schmitt Triggered to avoid system noise
perturbations on the communications. The SPI interface
is maintained in a Reset state during POR.
Each SPI communication starts with a CS falling edge
and stops with the CS rising edge. Each SPI communi-
cation is independent. When CS is logic high, SDO is
in high-impedance, the transitions on SCK and SDI
have no effect. Changing from SPI Mode 1,1 to an SPI
Mode 0,0 and vice versa is possible and must be done
while the CS pin is logic high. Any CS rising edge clears
the communication and resets the SPI digital interface.
See Figure 1-1 for the SPI timing details.
The MCP3461/2/4R digital interface is capable of
handling various Continuous Read and Write modes,
which allows for ADC data streaming or full register
map writing within only one communication (and there-
fore, with only one unique COMMAND byte). It also
includes single byte Fast commands. The device does
not include a Host Reset pin, but it includes an SPI Fast
command to be able to fully reset the part at any time
and place it back in a default configuration.
The device family also includes advanced security
features to secure communication and alert users of
unwanted Write commands that change the desired
configuration. To secure the entire configuration, the
device includes an 8-bit lock code (LOCK[7:0]), which
blocks all Write commands to the full register map if the
value of the lock code is not equal to a defined pass-
word (0xA5). The user can protect its configuration by
changing the LOCK[7:0] value to 0x00 after full
programming, so that any unwanted Write command
will not result in a change in the configuration. Each SPI
read communication can be secured through a select-
able CRC-16 checksum provided on the SDO pin at the
end of every communication sequence. This checksum
computation is compatible with the DMA CRC hard-
ware of the PIC24 and PIC32 MCUs, as well as many
other MCU references, resulting in no additional
overhead for the added security.
Once the part is locked (write-protected), an additional
checksum calculation also runs continuously in the
background to ensure the integrity of the full register
map. All writable registers of the register map are
processed through a CRC-16 calculation engine and
give a CRC-16 checksum that depends on the con-
figuration. This checksum is readable from the CRC
register and updated when MCLK is running. If there is
a change in the checksum, a CRC interrupt generates
a flag to warn the user that the configuration has been
corrupted.
The MCP3461/2/4R devices also include additional
digital signal pins, such as a dedicated IRQ interrupt
output pin and a Master Clock (MCLK) input/output pin,
which allow easier synchronization and faster interrupt
handling, facilitating the implementation of the device in
many different applications.
6.2
SPI Communication Structure
The MCP3461/2/4R devices’ interface has a simple
communication structure. Every communication starts
with a CS falling edge and stops with a CS rising edge.
The communication is always started by the
COMMAND byte (8 bits) clocking on the SDI input. The
COMMAND byte defines the command that will be
executed by the digital interface. It includes the device
address,
the
register
address
bits
and
the
command-type bits.
The COMMAND byte is typically followed by data bytes
clocked on SDI if the command type is a write and on
SDO if the command type is a read. The COMMAND
byte can also define a Fast command, and in this case,
it is not followed by any other byte. The following sub-
sections detail the COMMAND byte structure and all
possible commands.
During the COMMAND byte clocking on SDI, a
STATUS byte is also propagated on the SDO output to
enable easy polling of the device status. During this time,
the interface is full-duplex, but the part can still be used
by MCUs handling only half-duplex communications if
the STATUS byte is ignored.
6.2.1
COMMAND BYTE STRUCTURE
The COMMAND byte fully defines the command that
will be executed by the part. This byte is divided into
three parts: the device address bits (CMD[7:6]), the
command
address
bits
(CMD[5:2])
and
the
command-type bits (CMD[1:0]). See Table 6-1.
TABLE 6-1:
COMMAND BYTE
CMD[7] CMD[6] CMD[5] CMD[4] CMD[3] CMD[2] CMD[1] CMD[0]
Device Address
Bits
Register Address/Fast Command
Bits
Command Type
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com