Electronic Components Datasheet Search
  English  ▼

X  

MCP3464R Datasheet(PDF) 74 Page - Microchip Technology

Part # MCP3464R
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464R Datasheet(HTML) 74 Page - Microchip Technology

Back Button MCP3464R Datasheet HTML 70Page - Microchip Technology MCP3464R Datasheet HTML 71Page - Microchip Technology MCP3464R Datasheet HTML 72Page - Microchip Technology MCP3464R Datasheet HTML 73Page - Microchip Technology MCP3464R Datasheet HTML 74Page - Microchip Technology MCP3464R Datasheet HTML 75Page - Microchip Technology MCP3464R Datasheet HTML 76Page - Microchip Technology MCP3464R Datasheet HTML 77Page - Microchip Technology MCP3464R Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 118 page
background image
MCP3461/2/4R
DS20006404C-page 74
 2020-2021 Microchip Technology Inc.
If the CMD[1:0] bits are equal to ‘01’, the command
type is Static Read. In this case, the register address
defined in the COMMAND byte is read continuously.
The Address Pointer is automatically incremented.
Continuously clocking SCK while CS stays logic low
will continuously read the same register. Reading
another register is only possible by aborting the current
communication sequence by raising CS and issuing
another command.
In both Static and Incremental modes, the registers
are updated after each register read is fully performed.
If the value of the register changes internally during
the read, it will only be updated after the end of the
read. The value of each register is latched in the SDO
Output Shift register at the first rising edge of SCK of
each individual register reading. Figure 6-7 shows the
bit by bit details of a single register Read communica-
tion. Figure 6-8 shows the examples of Static and
Incremental Read communications.
FIGURE 6-7:
Single Read SPI Communication (Static or Incremental Read).
SPI Mode 1,1; Example with a 24-Bit Wide Register Located at Address CMD<5:2>
SPI Mode 0,0 ; Example with a 24-Bit Wide Register Located at Address CMD<5:2>
Don’t Care
Don’t Care
Don’t Care
SCK
SDI
SDO
1
CS
DATA<23>
High-Z
Device Latches SDI on Rising Edge
Device Latches SDO on Falling Edge
High-Z
Don’t Care
Don’t Care
SCK
SDI
SDO
CS
DATA<0>
High-Z
High-Z
Device Latches SDI on Rising Edge
Device Latches SDO on Falling Edge
1
0
0
0
A<6>
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com