Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCJM4A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PIMXRT406LCJM4A
Description  i.MX RT1020 Crossover Processors for Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCJM4A Datasheet(HTML) 4 Page - NXP Semiconductors

  PIMXRT406LCJM4A Datasheet HTML 1Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 2Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 3Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 4Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 5Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 6Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 7Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 8Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
i.MX RT1020 Crossover Processors for Industrial Products, Rev. 2, 03/2021
4
NXP Semiconductors
i.MX RT1020 introduction
•
GPC hardware power management controller
The i.MX RT1020 processors support the following system debug:
•
Arm CortexM7 CoreSight debug and trace architecture
•
Trace Port Interface Unit (TPIU) to support off-chip real-time trace
•
Support for 5-pin (JTAG) and SWD debug interfaces selected by eFuse
Security functions are enabled and accelerated by the following hardware:
•
High Assurance Boot (HAB)
•
Data Co-Processor (DCP):
— AES-128, ECB, and CBC mode
— SHA-1 and SHA-256
— CRC-32
•
Bus Encryption Engine (BEE)
— AES-128, ECB, and CTR mode
— On-the-fly QSPI Flash decryption
•
True random number generation (TRNG)
•
Secure Non-Volatile Storage (SNVS)
— Secure real-time clock (RTC)
— Zero Master Key (ZMK)
•
Secure JTAG Controller (SJC)
Table 1 demonstrates the comparison between 100 LQFP and 144 LQFP package.
Table 1. The comparison between 100 LQFP and 144 LQFP package
144 LQFP
100 LQFP
RAM/KB
256
256
USB OTG
1
1
ENET port
MII/RMII
RMII
KPP number
8 x 8
4 x 4
SEMC
Yes
No
SPDIF
Yes
Yes
uSDHC1
21
FlexIO
32
22
GPIO
96
57
FlexPWM Channel
24
16
XBAR IN/OUT
16
9
SAI
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com