Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCJM4A Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PIMXRT406LCJM4A
Description  i.MX RT1020 Crossover Processors for Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCJM4A Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PIMXRT406LCJM4A Datasheet HTML 37Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 38Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 39Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 40Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 41Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 42Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 43Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 44Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
Electrical characteristics
i.MX RT1020 Crossover Processors for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
41
Figure 15 shows the output timing in ASYNC mode.
Figure 15. SEMC output timing in ASYNC mode
4.5.1.1.2
SEMC output timing in SYNC mode
Table 32 shows SEMC output timing in SYNC mode.
2 ADV# low time is configurable by SEMC_*CR0.AS. AS field setting value is 0x0 in above table. When AS is set with value N,
TADL min time should be ((N + 1) x TCK - 1). See the i.MX RT1020 Reference Manual (IMXRT1020RM) for more detail about
SEMC_*CR0.AS register field.
3 Data output hold time is configurable by SEMC_*CR0.WEH. WEH field setting value is 0x0 in above table. When WEH is set
with value N, TDHO min time should be ((N + 1) x TCK). See the i.MX RT1020 Reference Manual (IMXRT1020RM) for more
detail about SEMC_*CR0.WEH register field.
4 WE# low time is configurable by SEMC_*CR0.WEL. WEL field setting value is 0x0 in above table. When WEL is set with value
N, TWEL min time should be ((N + 1) x TCK - 1). See the i.MX RT1020 Reference Manual (IMXRT1020RM) for more detail
about SEMC_*CR0.WEL register field.
Table 32. SEMC output timing in SYNC mode
Symbol
Parameter
Min.
Max.
Unit
Comment
Frequency of operation
—
133
MHz
—
TCK
Internal clock period
7.5
—
ns
—
TDVO
Data output valid time
1
—
ns
These timing parameters apply to
Address/Data/DM/CKE/control
signals with SEMC_CLK for
SDRAM.
TDHO
Data output hold time
-1
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com