Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCJM4A Datasheet(PDF) 85 Page - NXP Semiconductors

Part # PIMXRT406LCJM4A
Description  i.MX RT1020 Crossover Processors for Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCJM4A Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button PIMXRT406LCJM4A Datasheet HTML 81Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 82Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 83Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 84Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 85Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 86Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 87Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 88Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
Package information and contact assignments
i.MX RT1020 Crossover Processors for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
85
GPIO_EMC_13
2
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[13]
Input
Keeper
GPIO_EMC_14
1
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[14]
Input
Keeper
GPIO_EMC_15
143
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[15]
Input
Keeper
GPIO_EMC_16
142
NVCC_GPIO
Digital
GPIO
ALT6
SRC_BOOT_MODE0
Input
100K PD
GPIO_EMC_17
141
NVCC_GPIO
Digital
GPIO
ALT6
SRC_BOOT_MODE1
Input
100K PD
GPIO_EMC_18
140
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[18]
Input
Keeper
GPIO_EMC_19
139
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[19]
Input
Keeper
GPIO_EMC_20
138
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[20]
Input
Keeper
GPIO_EMC_21
137
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[21]
Input
Keeper
GPIO_EMC_22
136
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[22]
Input
Keeper
GPIO_EMC_23
133
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[23]
Input
Keeper
GPIO_EMC_24
132
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[24]
Input
Keeper
GPIO_EMC_25
131
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[25]
Input
Keeper
GPIO_EMC_26
130
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[26]
Input
Keeper
GPIO_EMC_27
129
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[27]
Input
Keeper
GPIO_EMC_28
128
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[28]
Input
Keeper
GPIO_EMC_29
127
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[29]
Input
100k PD
GPIO_EMC_30
126
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[30]
Input
Keeper
GPIO_EMC_31
125
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[31]
Input
Keeper
GPIO_EMC_32
124
NVCC_GPIO
Digital
GPIO
ALT5
GPIO3.IO[0]
Input
Keeper
GPIO_EMC_33
123
NVCC_GPIO
Digital
GPIO
ALT5
GPIO3.IO[1]
Input
Keeper
Table 83. 20 x 20 mm functional contact assignments (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com