Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCJM4A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PIMXRT406LCJM4A
Description  i.MX RT1020 Crossover Processors for Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCJM4A Datasheet(HTML) 5 Page - NXP Semiconductors

  PIMXRT406LCJM4A Datasheet HTML 1Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 2Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 3Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 4Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 5Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 6Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 7Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 8Page - NXP Semiconductors PIMXRT406LCJM4A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
i.MX RT1020 introduction
i.MX RT1020 Crossover Processors for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
5
NOTE
The actual feature set depends on the part numbers as described in Table 2.
Functions such as display and camera interfaces, connectivity interfaces,
and security features are not offered on all derivatives.
ACMP
4
4
ADC channel
19
10
FLEXCAN
2
2
I2C
4
4
LPUART
8
8
FlexSPI
1
1
LPSPI
4
4
1 SD is 3.3 V in the 100 LQFP package, while it supports both 3.3 V and 1.8 V in the 144 LQFP package.
Table 1. The comparison between 100 LQFP and 144 LQFP package (continued)
144 LQFP
100 LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com