Electronic Components Datasheet Search
  English  ▼

X  

STV82X8 Datasheet(PDF) 78 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 74Page - STMicroelectronics STV82X8 Datasheet HTML 75Page - STMicroelectronics STV82X8 Datasheet HTML 76Page - STMicroelectronics STV82X8 Datasheet HTML 77Page - STMicroelectronics STV82X8 Datasheet HTML 78Page - STMicroelectronics STV82X8 Datasheet HTML 79Page - STMicroelectronics STV82X8 Datasheet HTML 80Page - STMicroelectronics STV82X8 Datasheet HTML 81Page - STMicroelectronics STV82X8 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 157 page
background image
Register List
STV82x8
78/157
12.10 Automatic Standard Recognition
AUTOSTD_CTRL
Automatic Standard Recognition Control
AUTOSTD_TIME
Detection Time Out
Address: 8Ah
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SINGLE_SHOT
MONO_SAP_C
TRL_MATRIX
FORCE_SQ_S
AP
FORCE_SQ_M
ONO
AUTO_MUTE
SAP_CHECK
STEREO_CHE
CK
MONO_CHEC
K
Bit Name
Reset
Function
SINGLE_SHOT
0
Single-shot mode (To be selected whith any of the Mono/Stereo or Sap check bits):
0:
Single Shot mode is not selected
1:
Single Shot mode is selected1
1. Single_Shot mode will pre-program demodulator registers in a choosen standard (bits b2, b1, b0).
Autostandard will be switched OFF (Mono_check = 0) after the programation of the registers.
MON_SAP_CONTR
OL_MATRIX
0
Change the behaviour of the automatic matrix control for SAP language
0:
When SAP signal is detected, SAP signal is outputed on both Left and Right channels
1:
When SAP signal is detected, Mono signal is outputed on the Left channel and SAP signal is
outputed on the Right channe
FORCE_SQ_SAP
0
Force the squelch status during SAP detection by autostandard.
0:
SAP squelch from demod status
1:
SAP squelch forced to 1
FORCE_SQ_MON
O
0
Force the squelch status during MONO detection by autostandard.
0:
MONO squelch from demod status
1:
MONO squelch forced to 1
AUTO_MUTE
0
0:
Output channels are never mutted
1:
Output channels are automaticly muted when no signal is detected
SAP_CHECK
0
0:
No SAP standard research
1:
SAP standard research
STEREO_CHECK
0
0:
No STEREO standard research
1:
STEREO standard research (priority is given to SAP if selected)
MONO_CHECK
0
0:
No MONO standard research (AutoStandard OFF)
1:
MONO standard research (mandatory to activate Autostandard)
Address: 8Bh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
STEREO_TIME[2:0]
FM_TIME[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com